Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3171 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP3171
Description  QUICK CHARGE BUCK CONVERTER COMPATIBLE TO QUALCOMM QC 2.0
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3171 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP3171 Datasheet HTML 1Page - Diodes Incorporated AP3171 Datasheet HTML 2Page - Diodes Incorporated AP3171 Datasheet HTML 3Page - Diodes Incorporated AP3171 Datasheet HTML 4Page - Diodes Incorporated AP3171 Datasheet HTML 5Page - Diodes Incorporated AP3171 Datasheet HTML 6Page - Diodes Incorporated AP3171 Datasheet HTML 7Page - Diodes Incorporated AP3171 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AP3171
Document number: DS38006 Rev. 6 - 3
2 of 8
www.diodes.com
July 2020
© Diodes Incorporated
AP3171
Typical Applications Circuit
VIN
VCC
CABLE
PHASE
OUT
D-
D+
VSEN
GND
C1
C3
C5
R4
R5
R7
L1
CMP
C2
(option)
C4
(option)
Pin Descriptions
Pin Number
Pin Name
Function
1
VCC
IC voltage supplier and input voltage for power conversion; Decoupling cap is required to be placed
to this pin and GND pin as close as possible
2
CABLE
Connected to the external resistor to set the cable compensation value
3
D+
Connected to USB D+
4
D-
Connected to USB D-
5
OUT
Sense the output voltage; connected to the input of current sense resistor
6
VSEN
Sense the output current; connected to the output of current sense resistor
7
CMP
The EA output pin to compensate the loop
8
GND
Ground return for the power stage and controller
Exposed PAD
PHASE
Connected to the input of external output inductor



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com