Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP65352 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP65352
Description  3A, 18V, 650kHz ADAPTIVE COT STEP-DOWN CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP65352 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP65352 Datasheet HTML 4Page - Diodes Incorporated AP65352 Datasheet HTML 5Page - Diodes Incorporated AP65352 Datasheet HTML 6Page - Diodes Incorporated AP65352 Datasheet HTML 7Page - Diodes Incorporated AP65352 Datasheet HTML 8Page - Diodes Incorporated AP65352 Datasheet HTML 9Page - Diodes Incorporated AP65352 Datasheet HTML 10Page - Diodes Incorporated AP65352 Datasheet HTML 11Page - Diodes Incorporated AP65352 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AP65352
Document number: DS38482 Rev. 2 - 3
8 of 15
www.diodes.com
December 2017
© Diodes Incorporated
AP65352
Typical Performance Characteristics (cont.)
(@TA = +25°C, VIN = 12V, VOUT = 1.05V, L = 1.5µH, C1 = 20µF, C2 = 44µF, unless otherwise specified.)
Startup Through VEN 3A Load
Time-500µs/div
Startup Through VIN 3A Load
Time-500µs/div
Short Circuit Test
Time-200µs/div
Shutdown Through VEN 3A Load
Time-20µs/div
Shutdown Through VIN 3A Load
Time-200µs/div
Short Circuit Recovery
Time-1ms/div
Load Transient Response (0 to 3A)
Time-100µs/div
Load Transient Response (1.5 to 3A)
Time-100µs/div
Switching State 3A Load
Time-1µs/div
Startup with VREG5
Time-1ms/div
Voltage Ripple at Output (IO=3A)
Time-400ns/div
Voltage Ripple at Input (IO=3A)
Time-400ns/div
VIN (12V/DIV)
VOUT (1V/DIV)
IOUT (3A/DIV)
SW (10V/DIV)
VEN (5V/DIV)
IOUT (3A/DIV)
SW (10V/DIV)
VOUT (1V/DIV)
EN (5V/DIV)
VREG5 (5V/DIV)
VOUT (500mV/DIV)
VEN (5V/DIV)
VOUT (1V/DIV)
IOUT (3A/DIV)
SW (10V/DIV)
VIN (12V/DIV)
VOUT (1V/DIV)
IOUT (3A/DIV)
SW (10V/DIV)
VOUT (500mV/DIV)
IOUT (2A/DIV)
VOUT (500mV/DIV)
IOUT (2A/DIV)
VOUT_AC (50mV/DIV)
IOUT (2A/DIV)
VOUT_AC (50mV/DIV)
IOUT (2A/DIV)
IL (2A/DIV)
VOUT_AC (50mV/DIV)
SW (5V/DIV)
VIN_AC (200mV/DIV)
SW (5V/DIV)
SW (5V/DIV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com