Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP65352 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP65352
Description  3A, 18V, 650kHz ADAPTIVE COT STEP-DOWN CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP65352 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP65352 Datasheet HTML 6Page - Diodes Incorporated AP65352 Datasheet HTML 7Page - Diodes Incorporated AP65352 Datasheet HTML 8Page - Diodes Incorporated AP65352 Datasheet HTML 9Page - Diodes Incorporated AP65352 Datasheet HTML 10Page - Diodes Incorporated AP65352 Datasheet HTML 11Page - Diodes Incorporated AP65352 Datasheet HTML 12Page - Diodes Incorporated AP65352 Datasheet HTML 13Page - Diodes Incorporated AP65352 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AP65352
Document number: DS38482 Rev. 2 - 3
10 of 15
www.diodes.com
December 2017
© Diodes Incorporated
AP65352
Application Information (continued)
Soft-Start
The soft-start time of the AP65352 is programmable by selecting different CSS value. When the EN pin becomes high, the CSS is charged by a 6μA
current source, generating a ramp signal fed into non-inverting input of the error comparator. Reference voltage VREF or the internal soft-start
voltage SS (whichever is smaller), dominates the behavior of the non-inverting inputs of the error amplifier. Accordingly, the output voltage will
follow the SS signal and ramp up smoothly to its target level. The capacitor value required for a given soft-start ramp time can be expressed as:
SS
FB
SS
C
SS
t
I
V
Where CSS is the required capacitor between SS pin and PGND, tSS is the desired soft-start time and VFB is the feedback voltage.
Over Current Protection (OCP)
Figure 4 shows the overcurrent protection (OCP) scheme of AP65352. In each switching cycle, the inductor current is sensed by monitoring the
low-side MOSFET in the OFF period. When the voltage between PGND pin and SW pin is smaller than the overcurrent trip level, the OCP will be
triggered and the controller keeps the OFF state. A new switching cycle will begin when the measured voltage is larger than limit voltage. The
internal counter is incremented when OCP is triggered. After 16 sequential cycles, the internal OCL (Overcurrent Logic) threshold is set to a lower
level, reducing the available output current. When a switching cycle occurs where the switch current is below the lower OCL threshold, the counter
is reset and OCL limit is returned to higher value.
Because the RDS(ON) of MOSFET increases with temperature, VLimit has xppm/
oC temperature coefficient to compensate this temperature
dependency of RDS(ON).
OC
COMPARATOR
-266mV
Q1
Q2
S
Q
R
Figure 4 Overcurrent Protection Scheme
Undervoltage Lockout
The AP65352 provides an undervoltage lockout circuit to prevent it from undefined status during startup. The UVLO circuit shuts down the device
when VIN drops below 3.45V. The UVLO circuit has 320mV hysteresis, which means the device starts up again when VREG rises to 3.75V (non-
latch).
Thermal shutdown
If the junction temperature of the device reaches the thermal shutdown limit of +160°C, the AP65352 shuts itself off, and both HMOS and LMOS
will be turned off. The output is discharged with the internal transistor. When the junction cools to the required level (+130°C nominal), the device
initiates soft-start as during a normal power-up cycle.
Setting the Output Voltage
The output voltage can be adjusted from 1.000 to 5V using an external resistor divider. Table 1 shows a list of resistor selection for common
output voltages. Resistor R1 is selected based on a design tradeoff between efficiency and output voltage accuracy. For high values of R1 there is
less current consumption in the feedback network. However the tradeoff is output voltage accuracy due to the bias current in the error amplifier.
R1 can be determined by the following equation:


1
0.765
OUT
V
2
R
1
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com