Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH68N65DM6AG Datasheet(PDF) 1 Page - STMicroelectronics

Part # SH68N65DM6AG
Description  Automotive-grade N-channel 650 V, 35 m typ., 64 A MDmesh DM6 half-bridge topology Power MOSFET in an ACEPACK SMIT package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SH68N65DM6AG Datasheet(HTML) 1 Page - STMicroelectronics

  SH68N65DM6AG Datasheet HTML 1Page - STMicroelectronics SH68N65DM6AG Datasheet HTML 2Page - STMicroelectronics SH68N65DM6AG Datasheet HTML 3Page - STMicroelectronics SH68N65DM6AG Datasheet HTML 4Page - STMicroelectronics SH68N65DM6AG Datasheet HTML 5Page - STMicroelectronics SH68N65DM6AG Datasheet HTML 6Page - STMicroelectronics SH68N65DM6AG Datasheet HTML 7Page - STMicroelectronics SH68N65DM6AG Datasheet HTML 8Page - STMicroelectronics SH68N65DM6AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
ACEPACK SMIT
1
6
4
3
9
8
7
1
3
4
6
9
8
7
9 (DC+)
7 (U)
8 (DC-)
1 (GHS)
2 (KHS)
3, 4 (NC)
6 (GLS)
5 (KLS)
GADG060720221002SA
Features
Order code
VDS
RDS(on) max.
ID
SH68N65DM6AG
650 V
41 mΩ
64 A
•
AQG 324 qualified
•
Half-bridge power module
•
650 V blocking voltage
•
Fast recovery body diode
•
Very low switching energies
•
Low package inductance
•
Dice on direct bond copper (DBC) substrate
•
Low thermal resistance
•
Isolation rating of 3.4 kVrms/min
Applications
•
Switching applications
Description
This device combines two MOSFETs in a half-bridge topology. The ACEPACK SMIT
is a very compact and rugged power module in a surface mount package for easy
assembly. Thanks to the DBC substrate, the ACEPACK SMIT package offers low
thermal resistance coupled with an isolated top-side thermal pad. The high design
flexibility of the package enables several configurations, including phase legs, boost,
and single switch through different combinations of the internal power switches.
Product status link
SH68N65DM6AG
Product summary
Order code
SH68N65DM6AG
Marking
H68N65DM6
Package
ACEPACK SMIT
Packing
Tape and reel
Automotive-grade N-channel 650 V, 35 mΩ typ., 64 A MDmesh DM6 half-bridge
topology Power MOSFET in an ACEPACK SMIT package
SH68N65DM6AG
Datasheet
DS14027 - Rev 1 - July 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - SH68N65DM6AG

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
SH68-68 NI-SH68-68 Datasheet
2Mb / 10P
Main Page: DAQ Multifunction I/O Cable Guide
11/18/21, 3:37 PM
SH68-68-D1 NI-SH68-68-D1 Datasheet
114Kb / 3P
Counter/Timer Accessories and Cables
SH68-68-D1 NI-SH68-68-D1 Datasheet
2Mb / 10P
Main Page: DAQ Multifunction I/O Cable Guide
11/18/21, 3:37 PM
SH68-68-EP NI-SH68-68-EP Datasheet
2Mb / 10P
Main Page: DAQ Multifunction I/O Cable Guide
11/18/21, 3:37 PM
SH68-68-EPM NI-SH68-68-EPM Datasheet
2Mb / 10P
Main Page: DAQ Multifunction I/O Cable Guide
11/18/21, 3:37 PM
More results

Similar Description - SH68N65DM6AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW68N65DM6-4AG STMICROELECTRONICS-STW68N65DM6-4AG Datasheet
263Kb / 12P
Automotive N-channel 650 V, 33 mΩ typ., 72 A MDmesh DM6 Power MOSFET in a TO247?? package
Rev 2 - July 2020
STH30N65DM6-7AG STMICROELECTRONICS-STH30N65DM6-7AG Datasheet
816Kb / 14P
Automotive-grade N-channel 650 V, 102 mΩ typ., 28 A MDmesh DM6 Power MOSFET in an H²PAK-7 package
24-Jun-2021
STHU36N60DM6AG STMICROELECTRONICS-STHU36N60DM6AG Datasheet
672Kb / 15P
Automotive-grade N-channel 600 V, 84 mΩ typ., 29 A MDmesh DM6 Power MOSFET in an HU3PAK package
11-Nov-2021
STHU47N60DM6AG STMICROELECTRONICS-STHU47N60DM6AG Datasheet
673Kb / 15P
Automotive-grade N-channel 600 V, 70 mΩ typ., 36 A MDmesh DM6 Power MOSFET in an HU3PAK package
11-Nov-2021
SH32N65DM6AG STMICROELECTRONICS-SH32N65DM6AG Datasheet
476Kb / 14P
Automotive-grade N-channel 650 V, 89 m typ., 32 A MDmesh DM6 half‑bridge topology Power MOSFET in an ACEPACK SMIT package
03-Oct-2022
STD9N65DM6AG STMICROELECTRONICS-STD9N65DM6AG Datasheet
336Kb / 15P
Automotive-grade N-channel 650 V, 365 m typ., 9 A MDmesh DM6 Power MOSFET in a DPAK package
17-Apr-2020
STHU32N65DM6AG STMICROELECTRONICS-STHU32N65DM6AG Datasheet
658Kb / 15P
Automotive-grade N-channel 650 V, 83 m typ., 37 A MDmesh DM6 Power MOSFET in an HU3PAK package
11-Nov-2021
STWA32N65DM6AG STMICROELECTRONICS-STWA32N65DM6AG Datasheet
255Kb / 12P
Automotive-grade N-channel 650 V, 83 m typ., 37 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
10-Aug-2021
STWA38N65DM6AG STMICROELECTRONICS-STWA38N65DM6AG Datasheet
259Kb / 12P
Automotive-grade N-channel 650 V, 68 m typ., 42 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
16-Jul-2021
STWA68N65DM6AG STMICROELECTRONICS-STWA68N65DM6AG Datasheet
275Kb / 12P
Automotive-grade N-channel 650 V, 33 m typ., 72 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
27-Jul-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com