Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RGP804 Datasheet(PDF) 2 Page - DIOTEC Electronics Corporation

Part # RGP804
Description  8 AMP FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

RGP804 Datasheet(HTML) 2 Page - DIOTEC Electronics Corporation

  RGP804 Datasheet HTML 1Page - DIOTEC Electronics Corporation RGP804 Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING & CHARACTERISTIC CURVES FOR SERIES RGP800 - RGP806
Data Sheet No. FSDG-800-2B
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
FIGURE 2. MAXIMUM NON-REPETITIVE SURGE CURRENT
Number of Cycles at 60 Hz
8 AMP FAST RECOVERY DIODES
H38
FIGURE 3. TYPICAL FORWARD CHARACTERISTICS
Instantaneous Forward Voltage (Volts)
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
1.0
0.1
10
100
0.01
FIGURE 5. TYPICAL JUNCTION CAPACITANCE
Reverse Voltage, (Volts)
FIGURE 4. TYPICAL REVERSE CHARACTERISTICS
Percent of Rated Peak Reverse Voltage
FIGURE 1. FORWARD CURRENT DERATING CURVE
Temperature, C
0
4
8
12
0
50
100
150
Resistive and Inductive Loads
NOTES
(1) JEDEC Method, 8.3 mSec. Single Half Sine Wave, T = 150 C
(2) T = 25 C, Pulse Width = 300 Sec, 2.0% Duty Cycle
(3) T = 25 C, f = 1 MHz
NOTE 2
NOTE 1
NOTE 3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com