Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RGP804 Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # RGP804
Description  8 AMP FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

RGP804 Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  RGP804 Datasheet HTML 1Page - DIOTEC Electronics Corporation RGP804 Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MECHANICAL DATA
FEATURES
Data Sheet No. FSDG-800-1B
MECHANICAL SPECIFICATION
8 AMP FAST RECOVERY RECTIFIERS
Case: TO-220 molded epoxy (U/L Flammability Rating 94V-0)
Terminals: Plated rectangular pins
Solderability: Per MIL-STD 202 Method 208 guaranteed
Polarity: Marked on case
Mounting Position: Any
Weight: 0.07 Ounces (2.05 Grams)
H37
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
0.187
0.14*
0.025*
0.050*
0.04
0.413
0.59
0.262*
0.108*
0.126*
fP
A
A1
A2
B
B1
B2
B3
B4
C
D
D1
D2
0.61
15.5
0.102
D3
Sym
in
in
mm
mm
Minimum
Maximum
0.121*
4.75*
0.09
2.3
0.64*
1.0
10.5
15.0
1.27*
0.035
0.9
3.56*
6.6*
0.16
4.0
D4
0.54
13.7
0.60
15.2
* These dimensions are "Typicals".
0.043
1.1
2.6
4.75
2.75*
3.2*
TO - 220AC
B2
A2
B1
D3
B1
B
C
B3
B4
D4
D1
D
D2
A
A1
fP
1
3
2
Average Forward Rectified Current @ Tc = 110 C
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
PARAMETER (TEST CONDITIONS)
Maximum DC Blocking Voltage
Maximum Peak Recurrent Reverse Voltage
Maximum RMS Voltage
Series Number
I
V
V
V
SYMBOL
RATINGS
UNITS
VOLTS
8
RGP801
RGP800
RGP802 RGP804
RGP806
100
200
400
100
200
400
70
140
280
600
420
600
Peak Forward Surge Current ( 8.3mS single half sine wave
superimposed on rated load)
Maximum Forward Voltage at 8 Amps DC
VOLTS
AMPS
V
I
150
Typical Thermal Resistance, Junction to Case
Junction Operating and Storage Temperature Range
Maximum Average DC Reverse Current
At Rated DC Blocking Voltage
I
R
T T
°C/W
°C
A
Typical Junction Capacitance (Note 1)
C
pF
@ T = 25 C
@ T = 100 C
10
250
3
55
-50 to +150
Maximum Reverse Recovery Time (I =0.5A, I =1A, I
=0.25A)
T
nSec
1.3
150
200
250
50
35
50
Glass Passivated for high reliability/temperature performance
Low switching noise
Low forward voltage drop
Low thermal resistance
High surge current capability
Fast switching for high efficiency
Low leakage
SERIES RGP800 - RGP806
RoHS COMPLIANT


Similar Part No. - RGP804

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
RGP TEC-RGP Datasheet
1Mb / 16P
Passive Components
August 2007
logo
Vishay Siliconix
RGP02 VISHAY-RGP02 Datasheet
29Kb / 2P
Glass Passivated Junction Fast Switching Rectifier
16-Jan-03
RGP02-12 VISHAY-RGP02-12 Datasheet
29Kb / 2P
Glass Passivated Junction Fast Switching Rectifier
16-Jan-03
logo
EIC discrete Semiconduc...
RGP02-12 EIC-RGP02-12 Datasheet
19Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
General Semiconductor
RGP02-12 GE-RGP02-12 Datasheet
60Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
More results

Similar Description - RGP804

ManufacturerPart #DatasheetDescription
logo
Surge Components
FR101 SURGE-FR101 Datasheet
119Kb / 2P
1.0 AMP. Fast Recovery Rectifiers
logo
Bytes
FR151 BYTES-FR151 Datasheet
152Kb / 2P
1.5 AMP FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_1 Datasheet
272Kb / 2P
1.0 AMP. Fast Recovery Rectifiers
FR101S TSC-FR101S_1 Datasheet
256Kb / 2P
1.0 AMP. Fast Recovery Rectifiers
logo
Yangzhou yangjie electr...
FR151 YANGJIE-FR151 Datasheet
458Kb / 1P
1.5 AMP. FAST RECOVERY RECTIFIERS
logo
UNIOHM CORPORATION
FR101 UNIOHM-FR101 Datasheet
66Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
logo
DIOTEC Electronics Corp...
BSBUS-800-1A DEC-BSBUS-800-1A Datasheet
92Kb / 1P
8 AMP SOFT RECOVERY FAST SWITCHING BRIDGE RECTIFIERS
FSDG-800-1B DEC-FSDG-800-1B Datasheet
352Kb / 2P
8 AMP FAST RECOVERY RECTIFIERS
08SBUS DEC-08SBUS Datasheet
92Kb / 1P
8 AMP SOFT RECOVERY FAST SWITCHING BRIDGE RECTIFIERS
logo
Nanjing International G...
FR101 DGNJDZ-FR101 Datasheet
193Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com