Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC14APWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC14APWR
Description  HEX SCHMITT-TRIGGER INVERTERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC14APWR Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC14APWR Datasheet HTML 1Page - Texas Instruments SN74LVC14APWR Datasheet HTML 2Page - Texas Instruments SN74LVC14APWR Datasheet HTML 3Page - Texas Instruments SN74LVC14APWR Datasheet HTML 4Page - Texas Instruments SN74LVC14APWR Datasheet HTML 5Page - Texas Instruments SN74LVC14APWR Datasheet HTML 6Page - Texas Instruments SN74LVC14APWR Datasheet HTML 7Page - Texas Instruments SN74LVC14APWR Datasheet HTML 8Page - Texas Instruments SN74LVC14APWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SN54LVC14A, SN74LVC14A
HEX SCHMITT-TRIGGER INVERTERS
SCAS285R – MARCH 1993 – REVISED SEPTEMBER 2002
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions (see Note 5)
SN54LVC14A
SN74LVC14A
UNIT
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
Operating
2
3.6
1.65
3.6
V
VCC
Supply voltage
Data retention only
1.5
1.5
V
VI
Input voltage
0
5.5
0
5.5
V
VO
Output voltage
0
VCC
0
VCC
V
VCC = 1.65 V
–4
IOH
High level output current
VCC = 2.3 V
–8
mA
IOH
High-level output current
VCC = 2.7 V
–12
–12
mA
VCC = 3 V
–24
–24
VCC = 1.65 V
4
IOL
Low level output current
VCC = 2.3 V
8
mA
IOL
Low-level output current
VCC = 2.7 V
12
12
mA
VCC = 3 V
24
24
TA
Operating free-air temperature
–55
125
–40
85
°C
NOTE 5: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com