Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC14APWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC14APWR
Description  HEX SCHMITT-TRIGGER INVERTERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC14APWR Datasheet(HTML) 5 Page - Texas Instruments

  SN74LVC14APWR Datasheet HTML 1Page - Texas Instruments SN74LVC14APWR Datasheet HTML 2Page - Texas Instruments SN74LVC14APWR Datasheet HTML 3Page - Texas Instruments SN74LVC14APWR Datasheet HTML 4Page - Texas Instruments SN74LVC14APWR Datasheet HTML 5Page - Texas Instruments SN74LVC14APWR Datasheet HTML 6Page - Texas Instruments SN74LVC14APWR Datasheet HTML 7Page - Texas Instruments SN74LVC14APWR Datasheet HTML 8Page - Texas Instruments SN74LVC14APWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SN54LVC14A, SN74LVC14A
HEX SCHMITT-TRIGGER INVERTERS
SCAS285R – MARCH 1993 – REVISED SEPTEMBER 2002
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 1)
SN74LVC14A
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 1.8 V
VCC = 2.5 V
± 0.2 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
UNIT
TYP
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A
Y
13.7
7.8
7.5
1
6.4
ns
tsk(o)
1
ns
operating characteristics, TA = 25°C
PARAMETER
TEST
VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V
UNIT
PARAMETER
CONDITIONS
TYP
TYP
TYP
UNIT
Cpd
Power dissipation capacitance per inverter
f = 10 MHz
11
12
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com