Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2344 Datasheet(PDF) 35 Page - Toshiba Semiconductor

Part # 2SC2344
Description  COLOUR TELEVISION
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2344 Datasheet(HTML) 35 Page - Toshiba Semiconductor

Back Button 2SC2344 Datasheet HTML 31Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 32Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 33Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 34Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 35Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 36Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 37Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 38Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 39Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 70 page
background image
Electric Parts List
7-1
ASSY PCB MAIN(OPT)
AA94-05920A ASSY PCB MAIN(OPT);CW29V1DH,KS3A/F,SEB,I
AZ760202
1
C815
2401-003602
C-AL;220uF,20%,160V,GP,BK,22x25mm,1
AZ166018
1
CN501
3711-002641
CONNECTOR-HEADER;BOX,10P,1R,2.54MM,STRAI
AZ664184
1
CX801S
2306-000318
C-FILM,MPPF;220nF,20%,250V,TP,-,22.5mm
AZ166013
1
IC301
HA96-50406B ASSY-H/S;-,AA62-30180B,LA7845
AZ664185
1
1204-000517
IC-VERTIVAL DEF.;LA7845,SIP,7P,-,PLASTIC
AZ661018
1
AA62-30180B HEAT SINK-ES;-,A6063 EXTR.,2,WHT,70MM,-,
AZ664186
1
6003-000333
SCREW-TAPTITE;RH,+,2S,M3,L10,ZPC(YELYEL)
AZ760146
1
0205-000129
GREASE-SILICON;SC102,JAPAN
AZ760065
0.00005
IC401
1202-000103
IC-VOLTAGE COMP.;393,DIP,8P,300MIL,DUAL,
AZ661033
1
IC801S
HA96-50371C ASSY-H/S;-,-,AA62-30181H,KA3A1265R,-
AZ664187
1
AA13-00101A IC HYBRID;KA3S1265RD,CN5039,5PIN,-50TO12
AZ664188
1
AA61-10386A BRACKET-IC;-,-,SECC 100,T1.0,-,KA2S0680,
AZ760147
1
AA62-30197D HEAT SINK-ES;DP,-,-,-,AA62-30181H,-,-,-
AZ760148
1
6003-000333
SCREW-TAPTITE;RH,+,2S,M3,L10,ZPC(YELYEL)
AZ760146
1
HA68-02189A LABEL-WARNING;SPACE
AZ760147
1
0205-000129
GREASE-SILICON;SC102,JAPAN
AZ760065
0.00005
JA701
3722-000195
JACK-SCART;42P,-,SN,BLK,NO
AZ664029
1
NT802S
1404-001045
THERMISTOR-NTC;4.7OHM,15%,2900K,35.0MW,T
AZ664112
1
PC801S
0604-001038
PHOTO-COUPLER;TR,130-260%,200MW,DIP-4,ST
AZ661001
1
PT801S
1404-000002
THERMISTOR-PTC 9ohm,20%,-,-,TR,RECT,-
AZ760203
1
RL801S
3501-001040
RELAY-POWER;12VDC,500mW,10A,1FormA,15mS,
AZ760204
1
HC801
HA96-00274B ASSY-H/S;-,COMPLEX,AA62-00066B,FMLG12S
AZ760205
1
6003-000334
SCREW-TAPTITE;RH,+,2S,M3,L6,ZPC(YE),SWR
AZ760148
5
AA62-00066B HEAT SINK;D2,D3,AL ,T1.0,89,70,-,AA62-00
AZ760206
1
D802
0402-001230
DIODE-RECTIFIER;FMG-G2CS,1000V,3A,TO-220
AZ462020
1
D805
0402-000233
DIODE-RECTIFIER;FML-G12S,200V,5A,-,-
AZ462008
1
D806
0402-000233
DIODE-RECTIFIER;FML-G12S,200V,5A,-,-
AZ462008
1
D807
0402-000233
DIODE-RECTIFIER;FML-G12S,200V,5A,-,-
AZ462008
1
IC805
1203-001006
IC-VOLTAGE REGULATOR;78R05,TO-220F,4P,-,
AZ661012
1
0205-000129
GREASE-SILICON;SC102,JAPAN
AZ760065
0.00025
HC401
HA96-00275E ASSY-H/S;-,COMPLEX,HA62-00051C,2SC5446
AZ760207
1
HA62-00051C HEAT SINK-PS;-,-,-,SILVER,HOLE 34mm,29A8
AZ760208
1
D414
0402-001296
DIODE-RECTIFIER;FMP-3FU,1.5KV,5A,TO-3PF,
AZ462021
1
Q401
0502-001175
TR-POWER;2SC5446,NPN,200000mW,TO-3PL,BK
AZ561021
1
6003-000333
SCREW-TAPTITE;RH,+,2S,M3,L10,ZPC(YELYEL)
AZ760146
2
AA60-30001A WASHER-PLATE;M3,ID3.5,15X8.5,T1.0,-,SBHG
AZ760149
2
AA62-00092A HEAT SINK;DP,-,AA62-30177A,-,-,-,-,-
AZ760209
3
Q401
AA02-00007A MICA;DPM-04,MICA,22x29x0.15mm
AZ760168
1
6003-000334
SCREW-TAPTITE;RH,+,2S,M3,L6,ZPC(YE),SWR
AZ760148
3
0205-000129
GREASE-SILICON;SC102,JAPAN
AZ760065
0.0001
D801S
0402-001399
DIODE-BRIDGE;GSIB660,600V,6A,SIP-4,BK
AZ462044
1
IC602
HA96-50369B ASSY-H/S;-,-,AA62-30181F,TDA7297,-
AZ760154
1
1201-001064
IC-POWER AMP;7297,ZIP,15P,-,DUAL,32DB,PL
AZ661005
1
AA62-30181F HEAT SINK-ES;-,AL6063 EXTR.,2,WHT,50MM,-
AZ760155
1
6003-000333
SCREW-TAPTITE;RH,+,2S,M3,L10,ZPC(YELYEL)
AZ760146
1
0205-000129
GREASE-SILICON;SC102,JAPAN
AZ760065
0.00005
IC902
1103-001171
IC-EEPROM;L51DC,16KBit,DIP,8P,300MIL,10m
AZ661031
1
HA99-100825 ASSY-PCB,MAIN(ACI);CW29V1,100HZ,KS3A/F
AZ760210
1
C105
2301-000383
C-FILM,PEF;10nF,5%,50V,TP,6x7x3.2mm,5mm
AZ162012
1
C103
2301-000383
C-FILM,PEF;10nF,5%,50V,TP,6x7x3.2mm,5mm
AZ162012
1
C101
2301-000383
C-FILM,PEF;10nF,5%,50V,TP,6x7x3.2mm,5mm
AZ162012
1
C909
2301-000383
C-FILM,PEF;10nF,5%,50V,TP,6x7x3.2mm,5mm
AZ162012
1
C228
2301-000356
C-FILM,PEF;47nF,5%,50V,TP,7.5x4.0x6.5,5m
AZ162011
1
C230
2301-000356
C-FILM,PEF;47nF,5%,50V,TP,7.5x4.0x6.5,5m
AZ162011
1
C809
2301-000356
C-FILM,PEF;47nF,5%,50V,TP,7.5x4.0x6.5,5m
AZ162011
1
C810
2301-000356
C-FILM,PEF;47nF,5%,50V,TP,7.5x4.0x6.5,5m
AZ162011
1
C811
2301-000356
C-FILM,PEF;47nF,5%,50V,TP,7.5x4.0x6.5,5m
AZ162011
1
C202
2401-002235
C-AL;10UF,20%,16V,GP,TP,5X11MM,5MM
AZ164031
1
C205
2401-002235
C-AL;10UF,20%,16V,GP,TP,5X11MM,5MM
AZ164031
1
C920
2401-002235
C-AL;10UF,20%,16V,GP,TP,5X11MM,5MM
AZ164031
1
C231
2401-002235
C-AL;10UF,20%,16V,GP,TP,5X11MM,5MM
AZ164031
1
C215
2401-002235
C-AL;10UF,20%,16V,GP,TP,5X11MM,5MM
AZ164031
1
C630
2401-002235
C-AL;10UF,20%,16V,GP,TP,5X11MM,5MM
AZ164031
1
C631
2401-002235
C-AL;10UF,20%,16V,GP,TP,5X11MM,5MM
AZ164031
1
LOC NO PARTS NO
Description & Specification
REPLACEMENT NO
Q’ty
REMARKS
7-1 29VH14P
7. Electric Parts List
!
!
!
!
!
!
!
!
!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com