Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2344 Datasheet(PDF) 24 Page - Toshiba Semiconductor

Part # 2SC2344
Description  COLOUR TELEVISION
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2344 Datasheet(HTML) 24 Page - Toshiba Semiconductor

Back Button 2SC2344 Datasheet HTML 20Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 21Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 22Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 23Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 24Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 25Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 26Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 27Page - Toshiba Semiconductor 2SC2344 Datasheet HTML 28Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 70 page
background image
Alignment and Adjustments
4-13
4-7-2(F) OPTION
System CW
AV by CH Key
Sound
CRT
AV Mode
Speaker
X-RAY
TTX TOP
Tilt Control
Auto FM
Text Language
1
2
3
4
5
6
7
8
9
10
11
CW
ON
V-DOLBY
WIDE
2SCART+S
NON
OFF
OFF
ON
ON
WEST
Select the Broadcasting System - CZ : PAL/SECAM-B/G,D/K,I,L
CW : It is added SECAM-L function in CZ
On : It can select AV Mode for CH key when the number of Pannel key is 5.
Off : In case AV key is on the panel
Select the sound system, for example A2-Stereo/Nicam,V-dolby,Mono,
L-Stereo
When using MSP3411G and V-Dolby MSP3400D/MSP3410, select
A2-Stereo/Nicam
Select P-Size Mode
Select EXT Jack (RCA/SCARTS-1,2,S-VIDEO,DVD)
Select the Speaker .
If Dome speaker, Select 'Dome Spk'. If Non Dome speaker, select 'Non
Dome Spk'
Select X-Ray On/Off (On : USA, Of f: Other )
Sets TOP TTX On/Off
Select Tilt On/Off
On : In Nicam Broadcasting Channel, If it happened 'Nicam Ident check bits
error'or 'Sound Noise', Set Auto FM Mode.
Of f :In Nicam Broadcasting Channel, Keep Nicam Mode till Nicam Ident
Check bits are perfectly Off .
West Europe : English/German/Skandinavian/Italian/French/Spainsh/Czech
East Europe : Polish/Czech/Rumanian/Slovenian/Croatian//French/
Skandinavian/German/Italian
Russian :
Russian/Ukranian/Estonian/Czech/German/Lettish/English
Greek-Turkey : English/Turkey/Greek/French/Skandinavian/German/
Spainsh/Italian/
Arabic :
English/Arabic/French
Farsi :
English/Farsi/French
Arab-Hebrew :Arabic/Hebrew
FIX
FIX
FIX
FIX
FIX
FIX
FIX
FIX
FIX
FIX
FIX
No.
OSD
Function
Remark
Initial
Value
Sound
A2/NICAM
V-DOLBY
IC601
MSP3400D, MSP3410D
MSP3411G
Note 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com