Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR2P3LLH6 Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # STR2P3LLH6
Description  P-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

STR2P3LLH6 Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  STR2P3LLH6 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd STR2P3LLH6 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd STR2P3LLH6 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd STR2P3LLH6 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd STR2P3LLH6 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd STR2P3LLH6 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
0
2
2
4
4
6
6
8
8
1
10
0
0
0
5
5
1
10
0
1
15
5
Q
Q
g
g (n
(nC
C))
F
Fiig
gu
urre
e 7
7:: G
Ga
ate
te-C
-Ch
ha
arrg
ge
e C
Ch
ha
arra
ac
cte
terriis
sti
tic
cs
s
0
0
2
20
00
0
4
40
00
0
6
60
00
0
8
80
00
0
1
10
00
00
0
0
0
5
5
1
10
0
1
15
5
2
20
0
2
25
5
-V
-V
D
DS
S (Vo
(Vollts
ts))
F
Fiig
gu
urre
e 8
8:: C
Ca
ap
pa
ac
ciita
tan
nc
ce
e C
Ch
ha
arra
ac
cte
terriis
sti
tic
cs
s
C
C
iiss
ss
C
C
o
oss
ss
C
C
rrss
ss
V
V
D
DS
S=
=-1
-15
5V
V
II
D
D=
=-4
-4A
A
1
1
1
10
0
1
10
00
0
1
10
00
00
0
1
10
00
00
00
0
0
0..0
00
00
00
01
1
0
0..0
00
01
1
0
0..1
1
1
10
0
1
10
00
00
0
Pu
Pulls
se
e W
Wiid
dth
th (s
(s))
F
Fiig
gu
urre
e 1
10
0:: Si
Sin
ng
glle
e Pu
Pulls
se
e Po
Pow
we
err R
Ra
ati
tin
ng
g J
Ju
un
nc
cti
tio
on
n-to
-to--
A
Am
mb
biie
en
ntt (N
(No
ote
te F
F))
T
T
A
A=
=2
25
5°
°C
C
0
0..0
0
0
0..1
1
1
1..0
0
1
10
0..0
0
1
10
00
0..0
0
0
0..0
01
1
0
0..1
1
1
1
1
10
0
1
10
00
0
--V
V
D
DS
S (
(V
Vo
olltts
s))
F
Fiig
gu
urre
e 9
9:: M
Ma
ax
xiim
mu
um
m F
Fo
orrw
wa
arrd
d B
Biia
as
se
ed
d S
Sa
affe
e
O
Op
pe
erra
attiin
ng
g A
Arre
ea
a ((N
No
otte
e F
F))
1
10
0
µµss
1
10
0s
s
1
1m
ms
s
D
DC
C
R
R
D
DS(O
S(ON
N))
lliim
miitte
ed
d
T
T
J
J(M
(Ma
ax
x))=
=1
15
50
0°
°C
C
T
T
A
A=
=2
25
5°
°C
C
1
10
00
0
µµss
1
10
0m
ms
s
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance (Note F)
Single Pulse
D=T
on/T
T
J,PK=TA+PDM.Z
θJA.RθJA
T
on
T
P
D
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
RθJA=125°C/W
Rev :
www.leiditech.com
01.06.2018
4/6
STR2P3LLH6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com