Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR2P3LLH6 Datasheet(PDF) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # STR2P3LLH6
Description  P-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

STR2P3LLH6 Datasheet(HTML) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  STR2P3LLH6 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd STR2P3LLH6 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd STR2P3LLH6 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd STR2P3LLH6 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd STR2P3LLH6 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd STR2P3LLH6 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
o
on
n
V
VD
DC
C
IIg
g
V
Vd
ds
s
D
DU
UT
T
V
VD
DC
C
V
Vg
gs
s
V
Vg
gs
s
Q
Qg
g
Q
Qg
gs
s
Q
Qg
gd
d
C
Ch
ha
arrg
ge
e
G
Ga
atte
e C
Ch
ha
arrg
ge
e T
Te
es
stt C
Ciirrc
cu
uiitt &
& W
Wa
av
ve
effo
orrm
m
--1
10
0V
V
V
Vd
dd
d
V
Vg
gs
s
IId
d
Vgs
Rg
DUT
VDC
V
Vg
gs
s
V
Vd
ds
s
Id
Vgs
U
Un
nc
clla
am
mp
pe
ed
d IIn
nd
du
uc
cttiiv
ve
e S
Sw
wiittc
ch
hiin
ng
g ((U
UIIS
S)) T
Te
es
stt C
Ciirrc
cu
uiitt &
& W
Wa
av
ve
effo
orrm
ms
s
V
Vd
ds
s
L
L
2
2
E
E
A
AR
R=
= 1
1//2
2 L
LII
A
AR
R
B
BV
V
D
DS
SS
S
I AR
Ig
Vgs
-
+
VDC
DUT
L
Vgs
Isd
Diode Recovery Test Circuit & Waveforms
Vds -
Vds +
dI/dt
RM
rr
Vdd
Vdd
Q
= - Idt
t
rr
-Isd
-Vds
-IF
-I
V
VD
DC
C
D
DU
UT
T
V
Vd
dd
d
V
Vg
gs
s
V
Vd
ds
s
V
Vg
gs
s
R
RL
L
R
Rg
g
R
Re
es
siis
sttiiv
ve
e S
Sw
wiittc
ch
hiin
ng
g T
Te
es
stt C
Ciirrc
cu
uiitt &
& W
Wa
av
ve
effo
orrm
ms
s
V
Vg
gs
s
V
Vd
ds
s
tt
tt
tt
tt
tt
tt
9
90
0%
%
1
10
0%
%
rr
d
d((o
offff))
ff
o
offff
d
d((o
on
n))
Rev :
www.leiditech.com
01.06.2018
5/6
STR2P3LLH6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com