Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PWD5F60 Datasheet(PDF) 7 Page - STMicroelectronics

Part # PWD5F60
Description  High density power driver - high voltage full bridge with integrated comparators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PWD5F60 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button PWD5F60 Datasheet HTML 3Page - STMicroelectronics PWD5F60 Datasheet HTML 4Page - STMicroelectronics PWD5F60 Datasheet HTML 5Page - STMicroelectronics PWD5F60 Datasheet HTML 6Page - STMicroelectronics PWD5F60 Datasheet HTML 7Page - STMicroelectronics PWD5F60 Datasheet HTML 8Page - STMicroelectronics PWD5F60 Datasheet HTML 9Page - STMicroelectronics PWD5F60 Datasheet HTML 10Page - STMicroelectronics PWD5F60 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
4
Electrical characteristics
4.1
Driver
VCCx = 15 V; TJ = 25 °C, unless otherwise specified.
Table 5. Driver electrical characteristics
Symbol
Pin
Parameter
Test condition
Min. Typ. Max Unit
Low supply voltage section
VCC_hys
VCCx vs. GNDx
VCC UV hysteresis
-
1.2
1.5
1.8
V
VCC_thON
VCC UV turn ON threshold
-
9
9.5
10
V
VCC_thOFF
VCC UV turn OFF threshold
-
7.6
8
8.4
V
Iqccu
Undervoltage quiescent supply
current
VCC = 7 V;
SD = 5 V; IN = PWM = GND;
RDT = 0 Ω;
CP+ = GND; CP- = 0.5 V
-
110
150
μA
Iqcc
Quiescent current
VCC = 15 V;
SD = 5 V; IN = PWM = GND;
RDT = 0 Ω;
CP+ = GND; CP- = 0.5 V
-
600 1000
μA
Bootstrapped supply voltage section
VBO_hys
BOOTx vs. OUTx
VBO UV hysteresis
-
0.8
1.0
1.2
V
VBO_thON
VBO UV turn ON threshold
-
8.2
9
9.8
V
VBO_thOFF
VBO UV turn OFF threshold
-
7.3
8
8.7
V
IQBOU
Undervoltage VBO quiescent
current
VBO = 7 V
-
40
100
μA
IQBO
VBO quiescent current
VBO = 15 V
IN = PWM = SD = 5 V;
-
140
220
μA
RBD(on)
VCCx vs. BOOTx
Bootstrap driver on resistance
(1)
IN = GND;
PWM = SD = 5 V;
-
120
-
Ω
Logic inputs
Vil
INx, PWMx, SDx
Logic level Low threshold
voltage
-
0.8
-
1.1
V
Vih
Logic level High threshold
voltage
-
1.9
-
2.3
V
Iih
Logic ‘1’ input bias current
IN = PWM = SD = 15 V
10
40
100
μA
Iil
Logic ‘0’ input bias current
IN = PWM = SD = GND
-
-
1
μA
Rin_pd
Logic Inputs pull-down resistor
IN = PWM = SD = 15 V
0.18 0.37
1.5
Comparator (2)
Vio
CP-x, CP+x vs.
GNDx
Input offset voltage
VCP- = 0.5 V
-16
-
+16
mV
Iib
Input bias current
VCP+ = 1 V, VCP- = 1 V
-
-
1
µA
PWD5F60
Electrical characteristics
DS12543 - Rev 1
page 7/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com