Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PWD5F60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # PWD5F60
Description  High density power driver - high voltage full bridge with integrated comparators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PWD5F60 Datasheet(HTML) 1 Page - STMicroelectronics

  PWD5F60 Datasheet HTML 1Page - STMicroelectronics PWD5F60 Datasheet HTML 2Page - STMicroelectronics PWD5F60 Datasheet HTML 3Page - STMicroelectronics PWD5F60 Datasheet HTML 4Page - STMicroelectronics PWD5F60 Datasheet HTML 5Page - STMicroelectronics PWD5F60 Datasheet HTML 6Page - STMicroelectronics PWD5F60 Datasheet HTML 7Page - STMicroelectronics PWD5F60 Datasheet HTML 8Page - STMicroelectronics PWD5F60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
VFQFPN 15 x 7 x 1 mm
Features
Power system-in-package integrating gate drivers and high-voltage power
MOSFETs
RDS(ON) = 1.38 Ω
BVDSS = 600 V
Suitable for operating as
full bridge
dual independent half bridges
UVLO protection on low-side and high-side
3.3 V to 15 V compatible inputs with hysteresis and pull-down
Internal bootstrap diode
Uncommitted comparators
Adjustable dead-time
Bill of material reduction
Very compact and simplified layout
Flexible, easy and fast design
Applications
Industrial fans and pumps
Cooking hoods and gas heaters
Blowers
Industrial drives and factory automation
Power supply units
Description
The PWD5F60 is an advanced power system-in package integrating gate drivers and
four N-channel power MOSFETs in dual half-bridge configuration.
The integrated power MOSFETs have RDS(ON) of 1.38 Ω and 600 V drain-source
breakdown voltage, while the embedded gate drivers high side can be easily
supplied by the integrated bootstrap diode. The high integration of the device allows
to efficiently drive loads in a tiny space.
The PWD5F60 accepts a supply voltage (VCC) extending over a wide range (10 V to
20 V) and also features UVLO protection on both the lower and upper driving
sections, preventing the power switches from operating in low efficiency or
dangerous conditions.
The input pins extended range allows easy interfacing with microcontrollers, DSP
units or Hall effect sensors.
The PWD5F60 embeds two uncommitted comparators available for protections
against overcurrent, overtemperature, etc.
The PWD5F60 operates in the industrial temperature range, -40 °C to 125 °C.
The device is available in a compact VFQFPN package.
Product status link
PWD5F60
Product summary
Marking
PWD5F60
Package
VFQFPN 15x7x1mm
Order codes
PWD5F60
Tray
PWD5F60TR
Tape and Reel
High density power driver - high voltage full bridge with integrated comparators
PWD5F60
Datasheet
DS12543 - Rev 1 - July 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - PWD5F60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PWD5T60 STMICROELECTRONICS-PWD5T60 Datasheet
1Mb / 27P
Compact high-voltage three-phase power stage with integrated gate driver
18-Jun-2024
PWD5T60TR STMICROELECTRONICS-PWD5T60TR Datasheet
1Mb / 27P
Compact high-voltage three-phase power stage with integrated gate driver
18-Jun-2024
More results

Similar Description - PWD5F60

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS24531DSTRPBF IRF-IRS24531DSTRPBF Datasheet
362Kb / 18P
Integrated 600 V full-bridge gate driver
IRS2453D IRF-IRS2453D_15 Datasheet
540Kb / 18P
Integrated 600 V full-bridge gate driver
IRS2453D IRF-IRS2453D_16 Datasheet
509Kb / 18P
Integrated 600 V full-bridge gate driver
logo
STMicroelectronics
PWD13F60 STMICROELECTRONICS-PWD13F60 Datasheet
757Kb / 26P
High-density power driver -high voltage full bridge with integrated gate driver
02-Nov-2017
logo
Infineon Technologies A...
IFX007T INFINEON-IFX007T Datasheet
1Mb / 25P
High Current PN Half Bridge with Integrated Driver
Rev. 1.0 2018-09-11
IRS2453 INFINEON-IRS2453 Datasheet
514Kb / 18P
Integrated 600 V full-bridge gate driver
April 27, 2016
BTN9970LV INFINEON-BTN9970LV Datasheet
680Kb / 33P
High current PN half-bridge with integrated driver
Rev. 1.0 2021-10-12
BTN9990LV INFINEON-BTN9990LV Datasheet
681Kb / 33P
High current PN half-bridge with integrated driver
Rev. 1.0 2021-10-12
logo
STMicroelectronics
STPRDC02 STMICROELECTRONICS-STPRDC02 Datasheet
92Kb / 3P
High performance high voltage full-bridge driver
02-Mar-2018
STPRDC02A STMICROELECTRONICS-STPRDC02A Datasheet
82Kb / 3P
High-voltage full-bridge driver with high impedance management and ZVD output
11-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com