Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STELPD01 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STELPD01
Description  Electronic load switch for power line
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STELPD01 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STELPD01 Datasheet HTML 4Page - STMicroelectronics STELPD01 Datasheet HTML 5Page - STMicroelectronics STELPD01 Datasheet HTML 6Page - STMicroelectronics STELPD01 Datasheet HTML 7Page - STMicroelectronics STELPD01 Datasheet HTML 8Page - STMicroelectronics STELPD01 Datasheet HTML 9Page - STMicroelectronics STELPD01 Datasheet HTML 10Page - STMicroelectronics STELPD01 Datasheet HTML 11Page - STMicroelectronics STELPD01 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
6
Functional description
6.1
Turn-on and soft start-up feature
When the input voltage is applied and it reaches VUVLO (undervoltage lockout threshold) value, the EN/Fault pin
goes up to the high state (if left floating) and the internal control circuitry is enabled to perform the output start-up
ramp. See the figure below.
Figure 5. Typical startup sequence for STELPD01 and STELPD01A
The start-up procedure starts with an initial delay time of typically 165 µs, then the output voltage is supplied with
a slope defined by the internal dV/dt circuitry. If no additional capacitor is connected to dV/dt pin, the ramp-up time
(VOUT from 10% to 90%) is around 500 µs with VIN = 5 V.
The inrush current profile can be controlled through a dedicated soft-start circuit. Connecting a capacitor between
the CdV/dt pin and GND allows the modification of the output voltage ramp-up time. Given the desired time interval
Δt during which the output voltage goes from 10% to 90% of VOUT, the capacitance to be added on the CdV/dt pin
can be calculated using the following theoretical formula.
Δtms =0.0024×VINV ×CdV/dtpF +0.1×VINV
(1)
STELPD01
Functional description
DS13254 - Rev 1
page 8/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com