Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STELPD01 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STELPD01
Description  Electronic load switch for power line
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STELPD01 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STELPD01 Datasheet HTML 6Page - STMicroelectronics STELPD01 Datasheet HTML 7Page - STMicroelectronics STELPD01 Datasheet HTML 8Page - STMicroelectronics STELPD01 Datasheet HTML 9Page - STMicroelectronics STELPD01 Datasheet HTML 10Page - STMicroelectronics STELPD01 Datasheet HTML 11Page - STMicroelectronics STELPD01 Datasheet HTML 12Page - STMicroelectronics STELPD01 Datasheet HTML 13Page - STMicroelectronics STELPD01 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
On the auto-retry version (STELPD01A), the EN/Fault pin is pulled down and the device attempts to turn on
output channel with soft-start ramp after a delay time of 100 µs.
The RLIM value for achieving the requested current limitation can be estimated by using the following table
together with the graph in Figure 9 and Figure 10.
Table 9. ILIM vs. RLIM
RLIM [Ω]
15
22
36
39
51
75
120
220
300
ILIM [A]
6.45
5.15
3.9
3.55
3
2.4
2.1
1.55
1.4
Note:
Missing or shorted RLIM causes current limit circuit malfunction and may lead to device damage.
Note:
RLIM value higher than 300 Ω can be used but as shown in Figure 9 the ILIM vs. RLIM relationships is flat.
6.6
Thermal shutdown function
If the device temperature exceeds the thermal shutdown threshold (TSHDN), typically 165 °C, the power MOSFET
is turned off and the load is disconnected.
On the latched version (STELPD01), the EN/Fault pin of the device is automatically set to the intermediate
voltage VI(INT), in order to signal the overtemperature event to the system controller.
The device can be reset from this condition either by cycling the supply voltage or by pulling down the EN pin
below the VIL threshold and then releasing it.
On the auto-retry version (STELPD01A), the EN/Fault pin is set low, and the auto-retry circuit attempts to restart
the device with soft-start ramp once the die temperature is reduced to 145 °C typ. (165 °C minus the hysteresis
value, 20 °C typ.).
6.7
EN/Fault pin
The EN/Fault pin has the dual function of controlling the output of the device and providing information about the
device status to the application.
When it is used as a standard Enable pin, it can be connected to an external open-drain or open-collector device.
In this case, when it is pulled at low logic level, the device turns the output off, when it is left floating the device
turns on the output, since it has internal pull-up circuitry.
In case of a fault, on the latched versions, this pin is set to the intermediate voltage VI(INT), this signal can be
provided to a monitor circuit, informing it that a fault event has occurred or it can be directly connected to the
EN/Fault pins of other devices of the same family on the same application in order to achieve a simultaneous
enable/disable feature. In case of UVLO event (VIN = VUVLO - Vhyst) an internal pull-down block is activated in
order to keep the device in off-state.
STELPD01
Thermal shutdown function
DS13254 - Rev 1
page 10/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com