Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL117N4LF7AG Datasheet(PDF) 5 Page - STMicroelectronics

Part # STL117N4LF7AG
Description  Automotive-grade N-channel 40 V, 2.5 m typ., 119 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL117N4LF7AG Datasheet(HTML) 5 Page - STMicroelectronics

  STL117N4LF7AG Datasheet HTML 1Page - STMicroelectronics STL117N4LF7AG Datasheet HTML 2Page - STMicroelectronics STL117N4LF7AG Datasheet HTML 3Page - STMicroelectronics STL117N4LF7AG Datasheet HTML 4Page - STMicroelectronics STL117N4LF7AG Datasheet HTML 5Page - STMicroelectronics STL117N4LF7AG Datasheet HTML 6Page - STMicroelectronics STL117N4LF7AG Datasheet HTML 7Page - STMicroelectronics STL117N4LF7AG Datasheet HTML 8Page - STMicroelectronics STL117N4LF7AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area
GIPD141220160951SOA
10 2
10 1
10 0
10 -1
10 -1
10 0
10 1
ID
(A)
VDS (V)
Operation in this area is
limited by max. RDS(on)
Tj = 175 °C
Tc = 25 °C
single pulse
tp = 10µs
tp = 100µs
tp = 1ms
tp = 10ms
Figure 3. Normalized thermal impedance
GIPD141220160952ZTH
10 -1
10 -2
10 -5
10 -4
10 -3
10 -2
K
tp (s)
0.05
Figure 4. Output characteristics
GIPD141220160953OCH
140
120
100
80
60
40
20
0
0
1
2
3
4
5
6
ID
(A)
VDS (V)
VGS = 5 to 10V
VGS = 3V
VGS = 4V
Figure 5. Transfer characteristics
GIPG250120181158TCH
280
240
200
160
120
80
40
0
1.5
2
2.5
3
3.5
4
ID
(A)
VGS (V)
VDS = 5 V
Tj = 25 °C
Tj = -40 °C
Tj = 150 °C
STL117N4LF7AG
Electrical characteristics (curves)
DS11591 - Rev 6
page 5/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com