Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL117N4LF7AG Datasheet(PDF) 6 Page - STMicroelectronics

Part # STL117N4LF7AG
Description  Automotive-grade N-channel 40 V, 2.5 m typ., 119 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL117N4LF7AG Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STL117N4LF7AG Datasheet HTML 2Page - STMicroelectronics STL117N4LF7AG Datasheet HTML 3Page - STMicroelectronics STL117N4LF7AG Datasheet HTML 4Page - STMicroelectronics STL117N4LF7AG Datasheet HTML 5Page - STMicroelectronics STL117N4LF7AG Datasheet HTML 6Page - STMicroelectronics STL117N4LF7AG Datasheet HTML 7Page - STMicroelectronics STL117N4LF7AG Datasheet HTML 8Page - STMicroelectronics STL117N4LF7AG Datasheet HTML 9Page - STMicroelectronics STL117N4LF7AG Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Figure 6. Static drain-source on-resistance
GIPG290620170943RID
5
4
3
2
1
0
4
8
12
16
20
24
RDS(on)
(mΩ)
ID (A)
VGS = 4.5 V
VGS = 10 V
Figure 7. Normalized V(BR)DSS vs. temperature
GIPD141220161054BDV
1.08
1.04
1
0.96
0.92
0.88
-75
-25
25
75
125
175
V(BR)DSS
(norm.)
Tj (°C)
ID =1mA
Figure 8. Capacitance variations
GIPD141220161056CVR
10 3
10 2
10 1
0
10
20
30
40
C
(pF)
VDS (V)
CISS
COSS
CRSS
f=1MHz
Figure 9. Gate charge vs gate-source voltage
GIPG290620170945QVG
10
8
6
4
2
0
0
5
10
15
20
25
30
VGS
(V)
Qg (nC)
VDS = 20 V
ID = 26 A
Figure 10. Normalized VGS(th) vs. temperature
GIPG290620171000VTH
1.1
1.0
0.9
0.8
0.7
0.6
0.5
-75
-25
25
75
125
175
VGS(th)
(norm.)
Tj (°C)
ID = 250 µA
Figure 11. Normalized RDS(on) vs. temperature
GIPD141220161057RON
2
1.5
1
0.5
0
-75
-25
25
75
125
175
RDS(on)
(norm.)
Tj (°C)
VGS =10V
ID =13A
STL117N4LF7AG
Electrical characteristics (curves)
DS11591 - Rev 6
page 6/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com