Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL38DN6F7AG Datasheet(PDF) 2 Page - STMicroelectronics

Part # STL38DN6F7AG
Description  Automotive-grade N-channel 60 V, 24 m typ., 10 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 double island package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL38DN6F7AG Datasheet(HTML) 2 Page - STMicroelectronics

  STL38DN6F7AG Datasheet HTML 1Page - STMicroelectronics STL38DN6F7AG Datasheet HTML 2Page - STMicroelectronics STL38DN6F7AG Datasheet HTML 3Page - STMicroelectronics STL38DN6F7AG Datasheet HTML 4Page - STMicroelectronics STL38DN6F7AG Datasheet HTML 5Page - STMicroelectronics STL38DN6F7AG Datasheet HTML 6Page - STMicroelectronics STL38DN6F7AG Datasheet HTML 7Page - STMicroelectronics STL38DN6F7AG Datasheet HTML 8Page - STMicroelectronics STL38DN6F7AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
1
Electrical ratings
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
60
V
VGS
Gate-source voltage
±20
V
ID (1)
Drain current (continuous) at TC = 25 °C
10
A
ID (1)
Drain current (continuous) at TC = 100 °C
10
A
IDM (2) (1)
Drain current (pulsed)
40
A
PTOT
Total dissipation at TC = 25 °C
57.7
W
IAV
Avalanche current, repetitive or not repetitive (pulse width limited by Tjmax)
10
A
EAS
Single pulse avalanche energy (starting Tj = 25 °C, ID = IAV, VDD = 40 V)
50
mJ
Tstg
Storage temperature range
-55 to 175
°C
TJ
Operation junction temperature range
1. Drain current is limited by package, the current capability of the silicon is 33 A at 25 °C and 23 A at 100 °C.
2. Pulse width limited by safe operating area
Table 2. Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
2.6
°C/W
Rthj-pcb (1)
Thermal resistance junction-pcb
32
1. When mounted on FR-4 board of 1 inch², 2oz Cu, t < 10 s
STL38DN6F7AG
Electrical ratings
DS12506 - Rev 1
page 2/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com