Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL9P4LF6AG Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL9P4LF6AG
Description  Automotive P-channel enhancement mode Power MOSFET STripFET F6 -40 V, -8 A in a PowerFLAT 3.3x3.3 package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL9P4LF6AG Datasheet(HTML) 1 Page - STMicroelectronics

  STL9P4LF6AG Datasheet HTML 1Page - STMicroelectronics STL9P4LF6AG Datasheet HTML 2Page - STMicroelectronics STL9P4LF6AG Datasheet HTML 3Page - STMicroelectronics STL9P4LF6AG Datasheet HTML 4Page - STMicroelectronics STL9P4LF6AG Datasheet HTML 5Page - STMicroelectronics STL9P4LF6AG Datasheet HTML 6Page - STMicroelectronics STL9P4LF6AG Datasheet HTML 7Page - STMicroelectronics STL9P4LF6AG Datasheet HTML 8Page - STMicroelectronics STL9P4LF6AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AM01475v4
D(5, 6, 7, 8)
G(4)
S(1, 2, 3)
Features
Order code
VDS
RDS(on) max.
ID
STL9P4LF6AG
-40 V
26 mΩ
-8 A
•
AEC-Q101 qualified
•
Very low on-resistance
•
Very low gate charge
•
High avalanche ruggedness
•
Low gate drive power loss
•
Logic level
Applications
•
Switching applications
Description
This device is a P-channel Power MOSFET developed using the STripFET F6
technology, with a new trench gate structure. The resulting Power MOSFET exhibits
very low RDS(on) in all packages.
Product status link
STL9P4LF6AG
Product summary
Order code
STL9P4LF6AG
Marking
9P4LF
Package
PowerFLAT 3.3x3.3
Packing
Tape and reel
Automotive P-channel enhancement mode Power MOSFET STripFET F6
-40 V, -8 A in a PowerFLAT 3.3x3.3 package
STL9P4LF6AG
Datasheet
DS13399 - Rev 2 - April 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STL9P4LF6AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL9P2UH7 STMICROELECTRONICS-STL9P2UH7 Datasheet
513Kb / 14P
P-channel 20 V, 0.0195 Ω typ., 9 A STripFET™ H7 Power MOSFET in a PowerFLAT™ 3.3x3.3 package
21-Oct-2014
STL9P3LLH6 STMICROELECTRONICS-STL9P3LLH6 Datasheet
628Kb / 14P
P-channel -30 V, 12 mΩ typ., -9 A STripFET™ H6 Power MOSFET in a PowerFLAT™ 3.3x3.3 package
07-Mar-2016
More results

Similar Description - STL9P4LF6AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD36P4LLF6 STMICROELECTRONICS-STD36P4LLF6 Datasheet
450Kb / 16P
P-channel 40 V, 0.0175 Ω typ.,36 A, STripFET™F6 Power MOSFET in a DPAK package
24-Mar-2015
STD45P4LLFAG STMICROELECTRONICS-STD45P4LLFAG Datasheet
603Kb / 16P
Automotive-grade P-channel -40 V, 12 mΩ typ., -50 A STripFET™F6 Power MOSFET in a DPAK package
22-Jul-2015
STD46P4LLF6 STMICROELECTRONICS-STD46P4LLF6 Datasheet
899Kb / 16P
P-channel 40 V, 0.0125 Ω typ., StripFET??F6 Power MOSFET in a DPAK package
16-Dec-2014
STL8P4LLF6 STMICROELECTRONICS-STL8P4LLF6 Datasheet
372Kb / 14P
P-channel 40 V, 0.0175 Ω typ.,8 A, STripFET™ F6 Power MOSFET in a PowerFLAT™ 3.3 x 3.3 package
March 2015 Rev 2
STL9P2UH7 STMICROELECTRONICS-STL9P2UH7 Datasheet
513Kb / 14P
P-channel 20 V, 0.0195 Ω typ., 9 A STripFET™ H7 Power MOSFET in a PowerFLAT™ 3.3x3.3 package
21-Oct-2014
STL9P3LLH6 STMICROELECTRONICS-STL9P3LLH6 Datasheet
628Kb / 14P
P-channel -30 V, 12 mΩ typ., -9 A STripFET™ H6 Power MOSFET in a PowerFLAT™ 3.3x3.3 package
07-Mar-2016
STL42P4LLF6 STMICROELECTRONICS-STL42P4LLF6 Datasheet
451Kb / 14P
P-channel 40 V, 0.0155 Ω typ.,42 A, STripFET™ F6 Power MOSFET in a PowerFLAT™ 5x6 package
March 2015 Rev 2
STL42PLLF6 STMICROELECTRONICS-STL42PLLF6 Datasheet
935Kb / 16P
P-channel -60 V, 23 mΩ typ., -42 A STripFET™ F6 Power MOSFET in a PowerFLAT™ 5x6 package
November 2016 Rev 4
STL60P4LLF6 STMICROELECTRONICS-STL60P4LLF6 Datasheet
886Kb / 14P
P-channel 40 V, 0.0115 Ω typ.,60 A STripFET™ F6 Power MOSFET in a PowerFLAT™ 5x6 package
December 2014 Rev 2
STS10P4LLF6 STMICROELECTRONICS-STS10P4LLF6 Datasheet
740Kb / 14P
P-channel 40 V, 0.0125 Ω typ., 10 A, StripFET™ F6 Power MOSFET in SO-8 package
December 2014 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com