Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL9P4LF6AG Datasheet(PDF) 3 Page - STMicroelectronics

Part # STL9P4LF6AG
Description  Automotive P-channel enhancement mode Power MOSFET STripFET F6 -40 V, -8 A in a PowerFLAT 3.3x3.3 package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL9P4LF6AG Datasheet(HTML) 3 Page - STMicroelectronics

  STL9P4LF6AG Datasheet HTML 1Page - STMicroelectronics STL9P4LF6AG Datasheet HTML 2Page - STMicroelectronics STL9P4LF6AG Datasheet HTML 3Page - STMicroelectronics STL9P4LF6AG Datasheet HTML 4Page - STMicroelectronics STL9P4LF6AG Datasheet HTML 5Page - STMicroelectronics STL9P4LF6AG Datasheet HTML 6Page - STMicroelectronics STL9P4LF6AG Datasheet HTML 7Page - STMicroelectronics STL9P4LF6AG Datasheet HTML 8Page - STMicroelectronics STL9P4LF6AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2
Electrical characteristics
(TC = 25 °C unless otherwise specified)
Table 3. Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
VGS = 0 V, ID = -250 µA
-40
V
IDSS
Zero gate voltage Drain current
VGS = 0 V, VDS = -40 V
-1
µA
VGS = 0 V, VDS = -40 V, TC = 125 °C
-10
IGSS
Gate-body leakage current
VDS = 0 V, VGS = -18 V
-100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = -250 µA
-1
-2.5
V
RDS(on)
Static drain-source on-resistance
VGS = -10 V, ID = -4 A
21
26
mΩ
VGS = -4.5 V, ID = -4 A
28
35
Table 4. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = -25 V, f = 1 MHz, VGS = 0 V
-
2540
-
pF
Coss
Output capacitance
-
254
-
pF
Crss
Reverse transfer capacitance
-
173
-
pF
Qg
Total gate charge
VDS = -20 V, ID = -8 A, VGS = -4.5 V
(see Figure 13. Gate charge test circuit)
-
48
-
nC
Qgs
Gate-source change
VDD = -20 V, ID = -8 A, VGS = -4.5 V
-
6.8
-
nC
Qgd
Gate-drain change
VDD = -20 V, ID = -8 A, VGS = -4.5 V
-
7.8
-
STL9P4LF6AG
Electrical characteristics
DS13399 - Rev 2
page 3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com