Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7381 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP7381
Description  WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7381 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP7381 Datasheet HTML 1Page - Diodes Incorporated AP7381 Datasheet HTML 2Page - Diodes Incorporated AP7381 Datasheet HTML 3Page - Diodes Incorporated AP7381 Datasheet HTML 4Page - Diodes Incorporated AP7381 Datasheet HTML 5Page - Diodes Incorporated AP7381 Datasheet HTML 6Page - Diodes Incorporated AP7381 Datasheet HTML 7Page - Diodes Incorporated AP7381 Datasheet HTML 8Page - Diodes Incorporated AP7381 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AP7381
Document number: DS39917 Rev. 3 - 2
2 of 13
www.diodes.com
February 2020
© Diodes Incorporated
AP7381
Typical Applications Circuit
VIN
GND
VOUT
COUT
2.2µF
VOUT
VIN
AP7381
CIN
1µF
Pin Descriptions
Pin Number
Pin Name
Function
TO92 (Ammo Packing)
SOT89
SOT23
3
3
1
VIN
Input voltage
2
2
3
GND
Ground
1
1
2
VOUT
Regulated output voltage
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VIN
Supply Input Voltage
-0.3 to 45
V
VOUT
Output Voltage
-0.3 to 8
V
IOUT
Output Current
150
mA
TLEAD
Lead Temperature (Soldering, 10s)
+260
ºC
TJ
Operating Junction Temperature
+150
ºC
θJA
Thermal Resistance
SOT89
125
°C/W
TO92 (Ammo Packing)
165
SOT23
167
TSTG
Storage Temperature Range
-65 to +150
ºC
CDM
ESD (Change Device Model)
2000
V
HBM
ESD (Human Body Model)
4000
V
Note:
4.
a). Stresses beyond those listed under Absolute Maximum Ratings can cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods can
affect device reliability.
b). Ratings apply to ambient temperature at +25°C. The JEDEC High-K board design used to derive this data is a 2inch × 2inch multi-layer board with
1oz internal power and ground planes and 2oz copper traces on the top and bottom of the board.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Supply Input Voltage
3.3
40
V
TJ
Operating Junction Temperature
-40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com