Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7381 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP7381
Description  WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7381 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP7381 Datasheet HTML 1Page - Diodes Incorporated AP7381 Datasheet HTML 2Page - Diodes Incorporated AP7381 Datasheet HTML 3Page - Diodes Incorporated AP7381 Datasheet HTML 4Page - Diodes Incorporated AP7381 Datasheet HTML 5Page - Diodes Incorporated AP7381 Datasheet HTML 6Page - Diodes Incorporated AP7381 Datasheet HTML 7Page - Diodes Incorporated AP7381 Datasheet HTML 8Page - Diodes Incorporated AP7381 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AP7381
Document number: DS39917 Rev. 3 - 2
3 of 13
www.diodes.com
February 2020
© Diodes Incorporated
AP7381
Electrical Characteristics (TJ = +25°C, IOUT = 1mA, CIN = 1.0µF, COUT = 2.2µF, VIN = VOUT + 2V, Bold typeface applies over -40°C
≤ TJ ≤ +125°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VOUT
Output Voltage
Variation from Specified VOUT
VOUTx98%
—
VOUTx102%
V
VIN
Input Voltage
—
3.3
—
40
V
ILIMIT
Current Limit
VOUT = 98%xVOUT, VIN = VOUT + 2V
150
—
—
mA
△VOUT/∆VIN
Line Regulation
VOUT + 2V ≤ VIN ≤ 40V, IOUT = 10mA
—
0.05
—
%/V
△VOUT/VOUT
Load Regulation
1mA
≤ IOUT ≤ 150mA
—
0.5
—
%
VDROP
Dropout Voltage
IOUT = 100mA @ VOUT = 3.3V
—
1000
—
mV
IGND
Ground Current
IOUT = 0A
—
2.5
—
µA
IOUT
= 100mA
—
25
—
∆VOUT/(VOUTx∆T)
Output Voltage Temperature Coefficient
IOUT = 100µA, -40oC ≤ TJ ≤ +125°C
—
±100
—
ppm/°C
TOTSD
Thermal Shutdown Temperature
—
—
+160
—
°C
THYOTSD
Thermal Shutdown Hysteresis
—
—
+20
—
°C
PSRR
Power Supply Rejection Ratio
IOUT = 1mA, VOUT = 3.3V
—
60
—
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com