| Electronic Components Datasheet Search |
|
APR34709 Datasheet(PDF) 8 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
APR34709 Datasheet(HTML) 8 Page - Diodes Incorporated |
|
8 / 13 page ![]() APR34709 Document number: DS41354 Rev. 5 - 3 8 of 13 www.diodes.com June 2022 © 2022 Copyright Diodes Incorporated. All Rights Reserved. APR34709 Synchronous Rectification Principle Description (continued) Minimum On/Off Time When the controlled MOSFET gate is turned on, some ringing noise is generated. The minimum on-time timer blanks the VTHOFF comparator, keeping the controlled MOSFET on for at least the minimum on time. During the minimum on time, the turn off threshold is totally blanked. After the SR driver turns off, the SR control block initiates a minimum off time timer during which the SR will remain off to prevent the ringing from turning on the synchronous MOSFET. The Value and Meaning of AREF Resistor As to DCM operation Flyback converter, after the secondary rectifier stops conducting, the primary MOSFET drain-to-source ringing waveform results from the resonant of primary inductance and the equivalent output capacitance. This ringing waveform probably leads to Synchronous Rectifier error conduction. To prevent this fault from happening, the APR34709 has a special function design by means of volt-second product detecting. Regarding the sensed voltage of VDET pin, the volt-second product of voltage above VCC at primary switch on time is much higher than that of each cycle ringing voltage above VCC. Therefore, every time before Synchronous Rectifier turns on, the APR34709 judges if the detected volt-second product of VDET voltage above VCC is higher than a threshold and then turns on synchronous Rectifier. The purpose of AREF resistor is to determine the volt-second product threshold. The APR34709 has a parameter, Kqs, which converts RAREF value to volt-second product. Kqs * R 2 Area AREF In general, the Area1 and Area3 values depend on the system design and are always fixed if the system design is frozen. As to Diodes Incorporated’s PSR design, the Area1 value changes with primary peak current value and Area3 value generally keeps constant at all conditions. So the AREF resistor design should consider the worst case, the minimum primary peak current condition. Because of system design parameter distribution, Area1 and Area3 have moderate tolerance. So Area2 should be designed in the middle of Area1 and Area3 to ensure enough design margins. Area1 Kqs * R 3 Area AREF VDET VCC Area3 Area1=(VDET-VCC)*tONP Area2=Kqs*RAREF Figure 2. AREF Function SR Minimum Operating Voltage The APR34709 sets a minimum SR operating voltage by comparing the difference between VDET and output voltage (VCC). The value of VDET– VCC must be higher than its internal reference, then the APR34709 will begin to integrate the area of (VDET–VCC)*tONP. If not, the area integrating will not begin and the SR driver will be disabled. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |