Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APR34709 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # APR34709
Description  SECONDARY SIDE SYNCHRONOUS RECTIFICATION SWITCHER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APR34709 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button APR34709 Datasheet HTML 5Page - Diodes Incorporated APR34709 Datasheet HTML 6Page - Diodes Incorporated APR34709 Datasheet HTML 7Page - Diodes Incorporated APR34709 Datasheet HTML 8Page - Diodes Incorporated APR34709 Datasheet HTML 9Page - Diodes Incorporated APR34709 Datasheet HTML 10Page - Diodes Incorporated APR34709 Datasheet HTML 11Page - Diodes Incorporated APR34709 Datasheet HTML 12Page - Diodes Incorporated APR34709 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
APR34709
Document number: DS41354 Rev. 5 - 3
9 of 13
www.diodes.com
June 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
APR34709
Synchronous Rectification Principle Description (continued)
Recommended Application Circuit Parameters
The CAREF is suggested to parallel with the AREF resistor to keep the volt-second product threshold stable. And the recommended value of CAREF
is 20nF.
The recommended value of C24 is 100nF. The value of VDD capacitor C23 is 4.7µF.
Green Mode at Light Load
When the system is running with light load, rectifier conduction loss no longer dominates the secondary-side power loss, in which condition it is
preferred the SR MOSFET keeps off to save the driver loss.
The APR34709 can sense the non-switching duration cycle by cycle, when the non-switching duration keeps longer than the internal light load
timing tLL, the IC will shut down the gate driver and keep it off for the next two cycles.
VDD
The VDD is the output of Pulse Linear Regulator and the internal linear regulator. It provides bias voltage for the controller. A capacitor (C23,
typical 4.7µF) should be connected between the VDD pin and GND pins.
A Pulse Linear Regulator is integrated in the controller to provided voltage to the VDD pin of the APR34709, so that the APR34709 can operate at
Constant Current (CC) Mode, in which the system output voltage may drop to as low as 2V. The bias voltage is disabled when system output
voltage is higher than 4.75V, in that case the system output provides voltage to VDD pin of the APR34709 through its internal LDO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com