Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

23738136 Datasheet(PDF) 42 Page - Toshiba Semiconductor

Part # 23738136
Description  Color Television
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

23738136 Datasheet(HTML) 42 Page - Toshiba Semiconductor

Back Button 23738136 Datasheet HTML 38Page - Toshiba Semiconductor 23738136 Datasheet HTML 39Page - Toshiba Semiconductor 23738136 Datasheet HTML 40Page - Toshiba Semiconductor 23738136 Datasheet HTML 41Page - Toshiba Semiconductor 23738136 Datasheet HTML 42Page - Toshiba Semiconductor 23738136 Datasheet HTML 43Page - Toshiba Semiconductor 23738136 Datasheet HTML 44Page - Toshiba Semiconductor 23738136 Datasheet HTML 45Page - Toshiba Semiconductor 23738136 Datasheet HTML 46Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 70 page
background image
SCHEMATIC DIAGRAM
MODEL : 29CZ8URB/29CZ8URS
SPK_R
SCL0
SDA0
S-RESET
S-RESET
SDA1
SCL1
SPK_L
TV_L
TV_R
L_IN
R_IN
SCL2
SDA2
OVP
5p
CA29
2
1
2
1
56k
RA49
10k
RA48 2
1
10k
RA47
21
8
7
65
4
3
2
1
14
23
85
76
22k
RA73
2
1
RA08
10k
RA09
2
1
22
GL101
2
1
2
1
RA18
1k
0.01u
CA05
2
1
1k
RA14
3
R
QA1
2SC
CA03
0.01u
0.01u
CA01
100p
CA37
2
1
10k
RA56
21
10k
RA57
21
2
1
2
1
2
1
2
1
RA53
5p
CA28
2
1
TUNER AUD
MAIN PD2214ZA (SINGLE SIDE) & PD2252ZA (DOUBLE SIDE)
BG
M
I
DK
L
SW2
L
H
H
L
H
L
H
SW1
9V-2
5V1
GND
TXD1
RXD1
RESET
TEST
6
2
1
3
4
5
SDA0
SCL0
RESET
SDA1
SCL1
SDA2
SCL2
10
11
12
13
14
15
16
17
18
19
20
21
22
23
9
8
7
6
5
4
3
2
1
SP-R
SP-L
SP-W
GND
ITT SDA
ITT SCL
ITT RESET
AUDIO R
AUDIO L
5V-2
TV-R
GND
TV-L
SW2
SW1
SIF
GND
GND
GND
GND
GND
5
4
3
2
1
5V-1
GND
+5V-1
+5V-1
TE06
1
+
+
+
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
8
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
RA34
RA39
CA34
CA30
DA05
DA06
DA03
DA04
XA30
RA90
RA91
RA92
RA93
LA02
RJ05
RJ04
RJ06
RA43
P107
RJ02
GJ30
RA87
TLC0309
TLC0308
TLC0307
TLC0306
TLC0305
TLC0304
TLC0302
TLC0301
TLC0300
TLC0299
TLC0297
TLC0296
TLC0295
TLC0293
TLC0291
LA03
TLC0042
TLC0040
TLC0033
TLC0030
TLC0023
TLC0022
TLC0014
TLC0013
TLC0012
TLC0
TLA0123
TLA0122
TLA0119
TLA0118
TLA0117
TLA0116
TLA0115
TLA0113
TLA0101
RA30
RA31
RA21
L101
RA46
H001
C101
C102
M805A
C104
C103
CA04
QA01
DA01
CA02
XA01
100
100
100p
100p
1SS355
1SS355
1SS355
1SS355
TCR1080AM
1k
3K
1k
1k
TRF1237AH
KETSU
KETSU
KETSU
10k
5P 2.5mm plug
KETSU
SHORT
56k
PL-10
100
100
1.8K
TEM2156AM
1/6P47
ENG39A18GF
50V4.7
B1000p
1P
0.01u
16V100
16V10
TMP88CP38N
1SS120-7
16V10
TCR1080AM
48
60
64
63
49
54
52
53
58
57
61
62
59
55
56
50
51
1
10
12
11
9
13
15
17
16
13
14
78
5
46
2
26
25
27
22
24
23
35
34
39
42
40
41
36
38
37
31
32
29
28
30
33
17
16
21
18
19
20
10
12
11
6
3
12
5
48
9
715
14
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com