Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

23738136 Datasheet(PDF) 19 Page - Toshiba Semiconductor

Part # 23738136
Description  Color Television
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

23738136 Datasheet(HTML) 19 Page - Toshiba Semiconductor

Back Button 23738136 Datasheet HTML 15Page - Toshiba Semiconductor 23738136 Datasheet HTML 16Page - Toshiba Semiconductor 23738136 Datasheet HTML 17Page - Toshiba Semiconductor 23738136 Datasheet HTML 18Page - Toshiba Semiconductor 23738136 Datasheet HTML 19Page - Toshiba Semiconductor 23738136 Datasheet HTML 20Page - Toshiba Semiconductor 23738136 Datasheet HTML 21Page - Toshiba Semiconductor 23738136 Datasheet HTML 22Page - Toshiba Semiconductor 23738136 Datasheet HTML 23Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 70 page
background image
– 19 –
CHASSIS AND CABINET REPLACEMENT PARTS LIST
WARNING: BEFORE SERVICING THIS CHASSIS, READ THE “X-RAY RADIATION PRECAUTION”, “SAFETY PRE-
CAUTION” AND “PRODUCT SAFETY NOTICE” ON PAGE 3 OF THIS MANUAL.
CAUTION: The international hazard symbols “
” in the schematic diagram and the parts list designate components
which have special characteristics important for safety and should be replaced only with types identical to those in the
original circuit or specified in the parts list. The mounting position of replacements is to be identical with originals.
Before replacing any of these components, read carefully the PRODUCT SAFETY NOTICE. Do not degrade the safety
of the receiver through improper servicing.
NOTICE:
• The part number must be used when ordering parts, in order to assist in processing, be sure to include the
Model number and Description.
• The PC board assembly with * mark is no longer available after the end of the production.
Model: 29CZ8URB/29CZ8URS
Capacitors .......... CD
:
Ceramic Disk
PF
:
Plastic Film
EL
:
Electrolytic
Resistors ............ CF
:
Carbon Film
CC
:
Carbon Composition
MF
:
Metal Film
OMF :
Oxide Metal Film
VR
:
Variable Resistor
FR
:
Fusible Resistor
(All CD and PF capacitors are
±5%, 50V and all resistors, ±5%, 1/6W unless otherwise noted.)
Location
Parts No.
Description
No.
#1: [29CZ8URB]
#2: [29CZ8URS]
CAPACITORS
C101
76206479
ELECTROLYTIC 50V 4.7UF M 7L 3A
C102
76109102
CERAMIC CHIP 50V B 1000PF K
C103
76203101
ELECTROLYTIC 16V 100UF M 7L 3A
C104
76109103
CERAMIC CHIP 50V B 0.01UF K
C302
76764221
ELECTROLYTIC 25V 220UF M
C304
76214471
CERAMIC DISC 500V B 470PF K
C305
76214471
CERAMIC DISC 500V B 470PF K
C306
76667102
ELECTROLYTIC 25V 1000UF M
C308
76503053
PLASTIC FILM 63V 1UF J
C310
76667102
ELECTROLYTIC 25V 1000UF M
C311
76109471
CERAMIC CHIP 50V B 470PF K
C312
76073036
ELECTROLYTIC 16V 33UF M 3A
C313
76669101
ELECTROLYTIC 50V 100UF M
C314
76764221
ELECTROLYTIC 25V 220UF M
C315
76082256
PLASTIC FILM 100V 2200PF J
C333
76082272
PLASTIC FILM 100V 0.047UF J
C366
76082057
PLASTIC FILM 100V 0.22UF J
C401
76591473
PLASTIC FILM 50V 0.047UF J
C403
76679220
ELECTROLYTIC 250V 22UF M 3A
C413
76214392
CERAMIC DISC 500V B 3900PF K
C416
76678330
ELECTROLYTIC 200V 33UF M 3A
C417
76214391
CERAMIC DISC 500V B 390PF K
C418
76764221
ELECTROLYTIC 25V 220UF M
C434
76591104
PLASTIC FILM 50V 0.1UF J
C438
76764102
ELECTROLYTIC 25V 1000UF M
C441
76693472
PLASTIC FILM 100V 4700PF J
C442
76168057
PLASTIC FILM 540)400V 204J 4-20
C443
76503196
PLASTIC FILM 1800VH 5600PF H
C444
76503198
MT PLA T 1800VH 682H CF92T3Q682HA
C445
76829473
PLASTIC FILM 400V 0.047UF J
C446
76503124
PLASTIC FILM 400V 0.068UF J
C447
76679220
ELECTROLYTIC 250V 22UF M 3A
C448
76640908
ELECTROLYTIC 160V 33UF M 3A LI
C449
76214331
CERAMIC DISC 500V B 330PF K
C461
76168056
PLASTIC FILM 540)400V 184J 4-20
C462
76820123
PLASTIC FILM 630V 0.012UF J
C464
76503149
PLASTIC FILM 250V 3.3UF
C465
76214471
CERAMIC DISC 500V B 470PF K
C466
76214471
CERAMIC DISC 500V B 470PF K
C467
76820153
PLASTIC FILM 630V 0.015UF J
C470
76766220
ELECTROLYTIC 50V 22UF M
C472
76503049
PLASTIC FILM 63V 0.47UF J
C473
76206010
ELECTROLYTIC 50V 1.0UF M 7L 3A
C501
76092730
CERAMIC CHIP 16V B 0.1UF K
C502
76092730
CERAMIC CHIP 16V B 0.1UF K
C503
76092730
CERAMIC CHIP 16V B 0.1UF K
C504
76792101
ELECTROLYTIC 6.3V 100UF M
C505
76092730
CERAMIC CHIP 16V B 0.1UF K
C506
76206010
ELECTROLYTIC 50V 1.0UF M 7L 3A
C507
76100103
CERAMIC CHIP 50V F 0.01UF Z
C515
76092730
CERAMIC CHIP 16V B 0.1UF K
C520
76092730
CERAMIC CHIP 16V B 0.1UF K
C521
76092730
CERAMIC CHIP 16V B 0.1UF K
C522
76092730
CERAMIC CHIP 16V B 0.1UF K
C523
76092730
CERAMIC CHIP 16V B 0.1UF K
C524
76203101
ELECTROLYTIC 16V 100UF M 7L 3A
C525
76100103
CERAMIC CHIP 50V F 0.01UF Z
C526
76100103
CERAMIC CHIP 50V F 0.01UF Z
C527
76100103
CERAMIC CHIP 50V F 0.01UF Z
C530
76203220
ELECTROLYTIC 16V 22UF M
C531
76092730
CERAMIC CHIP 16V B 0.1UF K
C536
76203101
ELECTROLYTIC 16V 100UF M 7L 3A
C537
76092730
CERAMIC CHIP 16V B 0.1UF K
C560
76203101
ELECTROLYTIC 16V 100UF M 7L 3A
C562
76092730
CERAMIC CHIP 16V B 0.1UF K
C563
76092730
CERAMIC CHIP 16V B 0.1UF K
C564
76092730
CERAMIC CHIP 16V B 0.1UF K
C566
76100103
CERAMIC CHIP 50V F 0.01UF Z
C567
76100103
CERAMIC CHIP 50V F 0.01UF Z
C570
76092730
CERAMIC CHIP 16V B 0.1UF K
C571
76092730
CERAMIC CHIP 16V B 0.1UF K
C572
76092730
CERAMIC CHIP 16V B 0.1UF K
C573
76100103
CERAMIC CHIP 50V F 0.01UF Z
C574
76206478
ELECTROLYTIC 50V 0.47UF M 7L 3A
C575
76206010
ELECTROLYTIC 50V 1.0UF M 7L 3A
C576
76092730
CERAMIC CHIP 16V B 0.1UF K
C579
76206229
ELECTROLYTIC 50V 2.2UF M 7L 3A
C580
76206010
ELECTROLYTIC 50V 1.0UF M 7L 3A
C581
76206229
ELECTROLYTIC 50V 2.2UF M 7L 3A
C583
76100103
CERAMIC CHIP 50V F 0.01UF Z
C586
76092730
CERAMIC CHIP 16V B 0.1UF K
C588
76105471
CERAMIC CHIP 50V CH 470PF J
C624
76206478
ELECTROLYTIC 50V 0.47UF M 7L 3A
C660
76206010
ELECTROLYTIC 50V 1.0UF M 7L 3A
C662
76109102
CERAMIC CHIP 50V B 1000PF K
C663
76206229
ELECTROLYTIC 50V 2.2UF M 7L 3A
C664
76206010
ELECTROLYTIC 50V 1.0UF M 7L 3A
C666
76109102
CERAMIC CHIP 50V B 1000PF K
C667
76206229
ELECTROLYTIC 50V 2.2UF M 7L 3A
C669
76203470
ELECTROLYTIC 16V 47UF M 7L 3A
C671
76763471
ELECTROLYTIC 16V 470UF M
C672
76203470
ELECTROLYTIC 16V 47UF M 7L 3A
Location
Parts No.
Description
No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com