Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5975 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # 2SC5975
Description  SILICON NPN EPITAXIAL HIGH FREQUENCY LOW NOISE AMPLIFIER / OSCILLATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5975 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button 2SC5975 Datasheet HTML 5Page - Renesas Technology Corp 2SC5975 Datasheet HTML 6Page - Renesas Technology Corp 2SC5975 Datasheet HTML 7Page - Renesas Technology Corp 2SC5975 Datasheet HTML 8Page - Renesas Technology Corp 2SC5975 Datasheet HTML 9Page - Renesas Technology Corp 2SC5975 Datasheet HTML 10Page - Renesas Technology Corp 2SC5975 Datasheet HTML 11Page - Renesas Technology Corp 2SC5975 Datasheet HTML 12Page - Renesas Technology Corp 2SC5975 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
2SC5975
Rev.1.00, Jul.06.2004, page 9 of 17
S parameter
(VCE = 1 V, IC = 10 mA, Zo =50
Ω)
S11
S21
S12
S22
f(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.718
-20.9
25.67
166.7
0.0099
80.8
0.957
-10.7
200
0.711
-40.8
24.35
154.2
0.0186
73.0
0.912
-21.8
300
0.698
-58.9
22.48
142.9
0.0266
65.9
0.850
-31.4
400
0.673
-75.5
20.32
133.3
0.0327
59.6
0.775
-39.9
500
0.652
-89.8
18.23
125.1
0.0377
54.8
0.702
-47.1
600
0.632
-102.4
16.34
118.1
0.0416
50.4
0.631
-53.2
700
0.611
-113.2
14.67
112.5
0.0441
46.9
0.568
-58.5
800
0.603
-122.1
13.22
107.5
0.0466
44.5
0.512
-62.5
900
0.592
-130.3
11.99
103.3
0.049
41.8
0.463
-66.3
1000
0.588
-137.3
10.90
99.5
0.0509
40.8
0.419
-69.2
1100
0.584
-142.5
9.99
96.3
0.0528
39.5
0.385
-71.6
1200
0.577
-149.2
9.28
93.4
0.0538
38.7
0.350
-75.2
1300
0.575
-154.2
8.61
90.7
0.0544
37.3
0.320
-77.7
1400
0.574
-158.8
8.02
88.2
0.0562
37.3
0.295
-80.1
1500
0.573
-162.8
7.51
86.0
0.0571
37.0
0.273
-82.0
1600
0.574
-166.8
7.05
83.8
0.0583
36.5
0.253
-84.4
1700
0.575
-170.3
6.65
81.7
0.0591
36.8
0.233
-86.8
1800
0.578
-173.9
6.29
79.6
0.0607
36.3
0.215
-89.4
1900
0.580
-176.8
5.96
77.7
0.0612
36.6
0.200
-90.9
2000
0.582
-179.6
5.66
76.1
0.0625
35.9
0.188
-93.6
2100
0.586
177.4
5.38
74.1
0.0632
36.2
0.172
-96.0
2200
0.588
175.3
5.14
72.6
0.0647
35.8
0.165
-98.3
2300
0.593
172.6
4.92
70.8
0.0662
36.0
0.151
-101.3
2400
0.597
170.4
4.71
69.1
0.0671
35.9
0.141
-104.6
2500
0.601
168.1
4.52
67.5
0.0694
36.1
0.131
-108.8
2600
0.605
166.2
4.34
66.0
0.0693
35.8
0.125
-112.3
2700
0.610
164.0
4.18
64.3
0.0697
35.2
0.119
-117.6
2800
0.614
162.3
4.03
62.9
0.0717
36.2
0.114
-120.8
2900
0.619
160.3
3.88
61.2
0.0724
35.7
0.106
-126.5
3000
0.623
158.7
3.74
59.5
0.074
35.7
0.100
-131.3
3100
0.626
157.5
3.60
58.4
0.0753
35.0
0.100
-131.7
3200
0.632
155.4
3.50
56.9
0.0761
35.3
0.097
-141.0
3300
0.636
154.0
3.38
55.4
0.0772
35.3
0.095
-146.6
3400
0.641
152.4
3.27
53.9
0.0778
35.0
0.095
-152.7
3500
0.647
150.9
3.17
52.6
0.0791
35.1
0.096
-158.9
3600
0.651
149.4
3.08
51.1
0.0801
34.8
0.097
-164.4
3700
0.655
148.0
2.98
49.7
0.0807
34.7
0.099
-169.8
3800
0.659
146.7
2.90
48.4
0.0818
34.2
0.102
-174.2
3900
0.664
145.4
2.81
47.0
0.0829
33.9
0.106
-179.8
4000
0.666
143.9
2.73
45.6
0.0838
33.7
0.110
176.7
4100
0.670
142.7
2.65
44.2
0.0841
34.0
0.113
171.9
4200
0.673
141.6
2.57
43.0
0.0851
34.1
0.118
169.0
4300
0.675
140.3
2.51
41.7
0.0861
33.9
0.122
166.1
4400
0.679
139.3
2.44
40.4
0.0873
33.9
0.129
163.2
4500
0.684
138.1
2.38
39.1
0.0879
33.4
0.136
160.7
4600
0.687
136.8
2.31
37.8
0.088
33.2
0.142
157.3
4700
0.689
135.8
2.25
36.6
0.0897
33.4
0.146
154.8
4800
0.691
134.8
2.20
35.5
0.0906
33.6
0.151
153.2
4900
0.695
133.9
2.14
34.2
0.0923
33.2
0.159
152.0
5000
0.701
132.9
2.10
32.9
0.0939
32.2
0.168
150.3
5100
0.706
131.7
2.04
31.6
0.0934
31.8
0.176
148.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com