Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5975 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # 2SC5975
Description  SILICON NPN EPITAXIAL HIGH FREQUENCY LOW NOISE AMPLIFIER / OSCILLATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5975 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button 2SC5975 Datasheet HTML 10Page - Renesas Technology Corp 2SC5975 Datasheet HTML 11Page - Renesas Technology Corp 2SC5975 Datasheet HTML 12Page - Renesas Technology Corp 2SC5975 Datasheet HTML 13Page - Renesas Technology Corp 2SC5975 Datasheet HTML 14Page - Renesas Technology Corp 2SC5975 Datasheet HTML 15Page - Renesas Technology Corp 2SC5975 Datasheet HTML 16Page - Renesas Technology Corp 2SC5975 Datasheet HTML 17Page - Renesas Technology Corp 2SC5975 Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
2SC5975
Rev.1.00, Jul.06.2004, page 15 of 17
S parameter
(VCE = 3 V, IC = 10 mA, Zo =50
Ω)
S11
S21
S12
S22
f(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.725
-16.7
26.01
168.5
0.0066
79.2
0.962
-7.5
200
0.720
-33.0
25.02
157.7
0.0131
74.8
0.934
-15.5
300
0.708
-48.4
23.57
147.7
0.0192
70.1
0.892
-22.6
400
0.682
-63.0
21.80
138.7
0.0242
65.6
0.838
-29.2
500
0.657
-76.2
19.97
130.8
0.0288
61.7
0.780
-34.9
600
0.631
-88.4
18.23
123.8
0.0328
56.9
0.718
-39.9
700
0.604
-99.2
16.63
118.0
0.0351
54.0
0.662
-44.2
800
0.590
-108.4
15.11
112.7
0.0378
51.1
0.608
-47.2
900
0.573
-117.0
13.83
108.3
0.0402
48.1
0.559
-50.0
1000
0.563
-124.6
12.64
104.3
0.0424
46.2
0.516
-51.8
1100
0.558
-130.5
11.60
100.9
0.0439
44.9
0.478
-53.6
1200
0.544
-137.8
10.86
97.8
0.0453
44.6
0.442
-55.5
1300
0.538
-143.4
10.10
95.0
0.0460
43.3
0.411
-56.8
1400
0.534
-148.6
9.44
92.4
0.0474
42.8
0.384
-57.8
1500
0.531
-153.3
8.84
90.0
0.0485
42.2
0.359
-58.6
1600
0.529
-157.7
8.32
87.8
0.0497
41.4
0.338
-59.5
1700
0.529
-161.7
7.87
85.6
0.0503
41.6
0.317
-60.0
1800
0.530
-165.8
7.46
83.5
0.0518
40.9
0.297
-60.8
1900
0.531
-169.2
7.06
81.5
0.0525
41.4
0.282
-60.8
2000
0.532
-172.4
6.72
79.9
0.0537
40.5
0.268
-61.7
2100
0.535
-175.8
6.41
77.9
0.0546
40.9
0.251
-61.5
2200
0.537
-178.1
6.10
76.5
0.0560
40.4
0.242
-62.5
2300
0.541
178.9
5.85
74.6
0.0568
41.0
0.226
-62.5
2400
0.546
176.4
5.61
73.0
0.0576
40.6
0.215
-63.1
2500
0.549
173.8
5.40
71.3
0.0594
40.7
0.202
-64.0
2600
0.553
171.7
5.18
69.8
0.0596
40.5
0.194
-64.6
2700
0.558
169.2
4.99
68.2
0.0605
40.4
0.182
-65.7
2800
0.562
167.4
4.81
66.8
0.0623
40.7
0.175
-66.6
2900
0.567
165.1
4.65
65.1
0.0627
40.7
0.163
-66.9
3000
0.571
163.3
4.48
63.4
0.0640
40.3
0.154
-67.0
3100
0.576
162.0
4.30
62.3
0.0653
39.7
0.153
-68.2
3200
0.581
159.7
4.19
60.8
0.0657
40.6
0.140
-70.1
3300
0.586
158.2
4.06
59.4
0.0673
40.3
0.131
-71.4
3400
0.591
156.5
3.93
57.9
0.0682
39.8
0.123
-73.2
3500
0.596
154.8
3.81
56.5
0.0686
40.4
0.114
-75.1
3600
0.601
153.3
3.70
55.1
0.0698
40.0
0.107
-77.3
3700
0.605
151.7
3.59
53.7
0.0706
39.9
0.098
-79.3
3800
0.610
150.3
3.49
52.4
0.0715
39.4
0.092
-82.2
3900
0.615
148.8
3.39
51.0
0.0723
39.3
0.084
-85.2
4000
0.618
147.3
3.29
49.6
0.0734
39.2
0.078
-89.2
4100
0.622
146.0
3.20
48.3
0.0739
39.1
0.071
-92.7
4200
0.626
144.8
3.11
47.1
0.0749
39.7
0.066
-97.6
4300
0.629
143.5
3.03
45.7
0.0754
39.4
0.061
-102.2
4400
0.633
142.4
2.96
44.5
0.0769
39.5
0.058
-110.0
4500
0.639
141.2
2.88
43.1
0.0778
39.2
0.055
-119.2
4600
0.642
139.8
2.81
41.8
0.0777
39.1
0.050
-129.0
4700
0.645
138.7
2.73
40.7
0.0790
39.1
0.048
-136.4
4800
0.646
137.7
2.67
39.6
0.0796
39.4
0.049
-143.6
4900
0.650
136.8
2.61
38.3
0.0818
38.9
0.053
-152.3
5000
0.657
135.7
2.55
37.0
0.0830
38.0
0.057
-162.0
5100
0.663
134.6
2.49
35.6
0.0830
37.3
0.062
-172.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com