Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A111-001-R Datasheet(PDF) 13 Page - Acconeer AB

Part # A111-001-R
Description  Pulsed Coherent Radar (PCR)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCOONEER [Acconeer AB]
Direct Link  https://www.acconeer.com/
Logo ACCOONEER - Acconeer AB

A111-001-R Datasheet(HTML) 13 Page - Acconeer AB

Back Button A111-001-R Datasheet HTML 9Page - Acconeer AB A111-001-R Datasheet HTML 10Page - Acconeer AB A111-001-R Datasheet HTML 11Page - Acconeer AB A111-001-R Datasheet HTML 12Page - Acconeer AB A111-001-R Datasheet HTML 13Page - Acconeer AB A111-001-R Datasheet HTML 14Page - Acconeer AB A111-001-R Datasheet HTML 15Page - Acconeer AB A111-001-R Datasheet HTML 16Page - Acconeer AB A111-001-R Datasheet HTML 17Page - Acconeer AB Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
A111 Pulsed Coherent Radar (PCR)
Datasheet, v2.8
Page 13 of 35
2022-06-22
© 2022 Copyright by Acconeer
6
Timing Requirements
6.1 Serial Peripheral Interface
The Serial Peripheral Interface (SPI) is a 4-wire serial bus, used for configuration and reading output
from the A111 radar sensor. The A111 radar sensor is an SPI slave device connected to the SPI
master, as described in Figure 6.1. The A111 allows several devices to be connected on the same SPI
bus, with a dedicated slave-select signal. Daisy-chain is not supported.
Host
(SPI Master)
A111
(SPI Slave)
A111
(SPI Slave)
SPI_CLK
SPI_MOSI
SPI_SS1
SPI_SS2
SPI_MISO
Figure 6.1. SPI master-slave connection.
The serial data transfer input (MOSI) and output (MISO) to the A111 are synchronized by the
SPI_CLK. The Slave Select signal (SS) must be low before and during transactions. The MOSI is
always read on the rising edge of SCLK and the MISO changes value on the falling edge of SPI_CLK
(SPI mode 0, CPOL/CPHA = 0). SS requires release in between transactions. See Figure 6.2 and Table
6.1 for timing characteristics.
SPI_ClK
MOSI
MISO
SS
SS setup time
MSB
MOSI hold time
MOSI setup time
MISO propagation delay
SS hold time
LSB
15
15
14
14
13
13
0
0
1
1
2
2
Figure 6.2. Timing diagram of SPI, CPOL=0 and CPHA=0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com