Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGIPQ5C60T-HLS Datasheet(PDF) 10 Page - STMicroelectronics

Part # STGIPQ5C60T-HLS
Description  SLLIMM™ nano - 2nd series IPM, 3-phase inverter, 5 A, 600 V, short‑circuit rugged IGBTs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPQ5C60T-HLS Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STGIPQ5C60T-HLS Datasheet HTML 6Page - STMicroelectronics STGIPQ5C60T-HLS Datasheet HTML 7Page - STMicroelectronics STGIPQ5C60T-HLS Datasheet HTML 8Page - STMicroelectronics STGIPQ5C60T-HLS Datasheet HTML 9Page - STMicroelectronics STGIPQ5C60T-HLS Datasheet HTML 10Page - STMicroelectronics STGIPQ5C60T-HLS Datasheet HTML 11Page - STMicroelectronics STGIPQ5C60T-HLS Datasheet HTML 12Page - STMicroelectronics STGIPQ5C60T-HLS Datasheet HTML 13Page - STMicroelectronics STGIPQ5C60T-HLS Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Table 11. Op-amp characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vio
Input offset voltage
Vic = 0 V, Vo = 7.5 V
6
mV
Iio
Input offset current
Vic = 0 V, Vo = 7.5 V
4
40
nA
Iib
Input bias current(1)
100
200
nA
VOL
Low level output voltage
RL = 10 kΩ to VCC
75
150
mV
VOH
High level output voltage
RL= 10 kΩ to GND
14
14.7
V
Io
Output short-circuit current
Source, Vid = + 1 V; Vo = 0 V
16
30
mA
Sink, Vid = -1 V; Vo = VCC
50
80
mA
SR
Slew rate
Vi = 1 - 4 V; CL = 100 pF; unity gain
2.5
3.8
V/µs
GBWP
Gain bandwidth product
Vo = 7.5 V
8
12
MHz
Avd
Large signal voltage gain
RL = 2 kΩ
70
85
dB
SVR
Supply voltage rejection ratio
vs VCC
60
75
dB
CMRR
Common mode rejection ratio
55
70
dB
1. The direction of input current is out of the IC.
Table 12. Sense comparator characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Iib
Input bias current
VCIN = 1 V
-
1
µA
Vod
Open-drain low level output
voltage
Iod = 3 mA
-
0.5
V
RON_OD
Open-drain low level output
Iod = 3 mA
-
166
Ω
RPD_SD
SD pull-down resistor(1)
-
125
kΩ
td_comp
Comparator delay
T/SD/OD pulled to 5 V through
100 kΩ resistor
-
90
130
ns
SR
Slew rate
CL = 180 pF, Rpu = 5 kΩ
-
60
V/µs
tsd
Shutdown to high-/low-side driver
propagation delay
VOUT = 0, Vboot = VCC,
VIN = 0 to 3.3 V
-
125
ns
tisd
Comparator triggering to high-/
low-side driver turn-off
propagation delay
Measured applying a voltage step
from 0 V to 3.3 V to pin CIN
-
200
1. Equivalent values as a result of the resistances of three drivers in parallel.
STGIPQ5C60T-HLS, STGIPQ5C60T-HZS
Control part
DS11420 - Rev 5
page 10/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com