Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP20N60M2-EP Datasheet(PDF) 6 Page - STMicroelectronics

Part # STP20N60M2-EP
Description  N-channel 600 V, 0.230 typ., 13 A MDmesh™ M2 EP Power MOSFET in a TO-220 package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP20N60M2-EP Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STP20N60M2-EP Datasheet HTML 2Page - STMicroelectronics STP20N60M2-EP Datasheet HTML 3Page - STMicroelectronics STP20N60M2-EP Datasheet HTML 4Page - STMicroelectronics STP20N60M2-EP Datasheet HTML 5Page - STMicroelectronics STP20N60M2-EP Datasheet HTML 6Page - STMicroelectronics STP20N60M2-EP Datasheet HTML 7Page - STMicroelectronics STP20N60M2-EP Datasheet HTML 8Page - STMicroelectronics STP20N60M2-EP Datasheet HTML 9Page - STMicroelectronics STP20N60M2-EP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Figure 7. Capacitance variations
GIPG210120161637CVR
1000
100
10
1
0.1
1
10
100
C
(pF)
VDS (V)
Ci ss
Coss
Crss
Figure 8. Output capacitance stored energy
GIPG210120161026EOS
6
5
4
3
2
1
0
0
100 200 300 400 500 600
EOSS
(µJ)
VDS (V)
Figure 9. Normalized on-resistance vs temperature
GIPG020220161245RON
2.2
1.8
1.4
1.0
0.6
0.2
-75
-25
25
75
125
RDS(on)
(norm.)
Tj (°C)
VGS = 10 V
Figure 10. Normalized gate threshold voltage vs
temperature
GIPG020220161244VTH
1.1
1.0
0.9
0.8
0.7
0.6
-75
-25
25
75
125
VGS(th)
(norm.)
Tj (°C)
ID= 250 µA
Figure 11. Normalized V(BR)DSS vs temperature
GIPG020220161300BDV
1.08
1.04
0.96
0.92
0.88
-75
-25
25
75
125
V(BR)DSS
(norm.)
Tj (°C)
ID = 1 mA
1.00
Figure 12. Source-drain diode forward characteristics
GIPG210120161002SDF
1.1
1
0.9
0.8
0.7
0.6
0.5
0
2
4
6
8
10
12
VSD
(V)
ISD (A)
TJ = -50 °C
TJ = 25 °C
TJ = 150 °C
STP20N60M2-EP
Electrical characteristics (curves)
DS11505 - Rev 3
page 6/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com