Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP36N60M6 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STP36N60M6
Description  N-channel 600 V, 85 m typ., 30 A MDmesh™ M6 Power MOSFETs in TO-220 and TO-247 packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP36N60M6 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STP36N60M6 Datasheet HTML 3Page - STMicroelectronics STP36N60M6 Datasheet HTML 4Page - STMicroelectronics STP36N60M6 Datasheet HTML 5Page - STMicroelectronics STP36N60M6 Datasheet HTML 6Page - STMicroelectronics STP36N60M6 Datasheet HTML 7Page - STMicroelectronics STP36N60M6 Datasheet HTML 8Page - STMicroelectronics STP36N60M6 Datasheet HTML 9Page - STMicroelectronics STP36N60M6 Datasheet HTML 10Page - STMicroelectronics STP36N60M6 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
STP36N60M6, STW36N60M6
Electrical characteristics
DocID028429 Rev 3
7/16
Figure 8: Gate charge vs gate-source voltage
Figure 9: Static drain-source on-resistance
Figure 10: Capacitance variations
Figure 11: Normalized gate threshold voltage vs
temperature
Figure 12: Normalized on-resistance vs temperature
Figure 13: Normalized V(BR)DSS vs temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com