Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP36N60M6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP36N60M6
Description  N-channel 600 V, 85 m typ., 30 A MDmesh™ M6 Power MOSFETs in TO-220 and TO-247 packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP36N60M6 Datasheet(HTML) 1 Page - STMicroelectronics

  STP36N60M6 Datasheet HTML 1Page - STMicroelectronics STP36N60M6 Datasheet HTML 2Page - STMicroelectronics STP36N60M6 Datasheet HTML 3Page - STMicroelectronics STP36N60M6 Datasheet HTML 4Page - STMicroelectronics STP36N60M6 Datasheet HTML 5Page - STMicroelectronics STP36N60M6 Datasheet HTML 6Page - STMicroelectronics STP36N60M6 Datasheet HTML 7Page - STMicroelectronics STP36N60M6 Datasheet HTML 8Page - STMicroelectronics STP36N60M6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
March 2017
DocID028429 Rev 3
1/16
This is information on a product in full production.
www.st.com
STP36N60M6, STW36N60M6
N-
channel 600 V, 85 mΩ typ., 30 A MDmesh™ M6
Power MOSFETs in TO-220 and TO-247 packages
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
STP36N60M6
600 V
99 m
Ω
30 A
STW36N60M6
Reduced switching losses
Lower RDS(on) x area vs previous generation
Low gate input resistance
100% avalanche tested
Zener-protected
Applications
Switching applications
Description
The new MDmesh™ M6 technology incorporates
the most recent advancements to the well-known
and consolidated MDmesh family of SJ
MOSFETs. STMicroelectronics builds on the
previous generation of MDmesh devices through
its new M6 technology, which combines excellent
RDS(on) * area improvement with one of the most
effective switching behaviors available, as well as
a user-friendly experience for maximum end-
application efficiency.
Table 1: Device summary
Order code
Marking
Package
Packaging
STP36N60M6
36N60M6
TO-220
Tube
STW36N60M6
TO-247
1
2
3
TO-247
1
2
3
TAB
TO-220


Similar Part No. - STP36N60M6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP36N05L STMICROELECTRONICS-STP36N05L Datasheet
204Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Nov-1996
logo
Inchange Semiconductor ...
STP36N05L ISC-STP36N05L Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP36N05LFI STMICROELECTRONICS-STP36N05LFI Datasheet
204Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Nov-1996
logo
Inchange Semiconductor ...
STP36N05LFI ISC-STP36N05LFI Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP36N06 STMICROELECTRONICS-STP36N06 Datasheet
201Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Dec-1996
More results

Similar Description - STP36N60M6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF34N65M5 STMICROELECTRONICS-STF34N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.09 typ., 28 A MDmesh V Power MOSFETs in D2PAK, I2PAK, TO-220 and TO-247 packages
02-Oct-2013
STFI40N60M2 STMICROELECTRONICS-STFI40N60M2 Datasheet
1Mb / 21P
N-channel 600 V, 0.078 typ., 34 A MDmesh II Plus low Qg Power MOSFETs in D2PAK, TO-220 and TO-247 packages
13-May-2014
STB42N60M2-EP STMICROELECTRONICS-STB42N60M2-EP Datasheet
393Kb / 20P
N-channel 600 V, 0.076 Ω typ., 34 A MDmesh™ M2 EP Power MOSFETs in D²PAK, TO-220 and TO-247 packages
20-Jan-2015
STP45N60DM6 STMICROELECTRONICS-STP45N60DM6 Datasheet
331Kb / 15P
N-channel 600 V, 0.085 Ω typ., 30 A MDmesh DM6 Power MOSFETs in TO-220 and TO-247 packages
July 2020
STO36N60M6 STMICROELECTRONICS-STO36N60M6 Datasheet
1Mb / 15P
N-channel 600 V, 85 mΩ typ., 30 A, MDmesh M6 Power MOSFET in a TO?멛L package
May 2021
STW75N60DM6 STMICROELECTRONICS-STW75N60DM6 Datasheet
333Kb / 14P
N-channel 600 V, 32 mΩ typ., 72 A MDmesh DM6 Power MOSFETs in TO-247 and TO-247 long leads packages
July 2020
STP24N60M6 STMICROELECTRONICS-STP24N60M6 Datasheet
268Kb / 13P
N-channel 600 V, 162 m typ., 17 A, MDmesh™ M6 Power MOSFET in a TO-220 package
01-Aug-2018
STP33N60M6 STMICROELECTRONICS-STP33N60M6 Datasheet
256Kb / 13P
N-channel 600 V, 105 m typ., 25 A, MDmesh™ M6 Power MOSFET in a TO-220 package
July 2018 Rev 2
STB18N60M2 STMICROELECTRONICS-STB18N60M2_V01 Datasheet
861Kb / 27P
N-channel 600 V, 0.255 Ω typ., 13 A MDmesh M2 Power MOSFETs in D2PAK,I2PAK, TO-220 and TO-247 packages
06-Nov-2018
STP9N80K5 STMICROELECTRONICS-STP9N80K5 Datasheet
795Kb / 16P
N-channel 800 V, 0.73 Ω typ., 7 A MDmesh™ K5 Power MOSFETs in a TO-220 and TO-247 packages
26-Jul-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com