Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWA72N60DM2AG Datasheet(PDF) 5 Page - STMicroelectronics

Part # STWA72N60DM2AG
Description  Automotive-grade N-channel 600 V, 37 mΩ typ., 66 A, MDmesh™ DM2 Power MOSFET in a TO-247 long leads package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWA72N60DM2AG Datasheet(HTML) 5 Page - STMicroelectronics

  STWA72N60DM2AG Datasheet HTML 1Page - STMicroelectronics STWA72N60DM2AG Datasheet HTML 2Page - STMicroelectronics STWA72N60DM2AG Datasheet HTML 3Page - STMicroelectronics STWA72N60DM2AG Datasheet HTML 4Page - STMicroelectronics STWA72N60DM2AG Datasheet HTML 5Page - STMicroelectronics STWA72N60DM2AG Datasheet HTML 6Page - STMicroelectronics STWA72N60DM2AG Datasheet HTML 7Page - STMicroelectronics STWA72N60DM2AG Datasheet HTML 8Page - STMicroelectronics STWA72N60DM2AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Safe operating area
GADG060820181135SOA
102
101
100
10-1
10-2
10-1
100
101
102
ID
(A)
VDS (V)
tp =10 µs
tp =100 µs
tp =1 ms
tp =10 ms
Operation in this area
is limited by RDS(on)
Single pulse,
TC = 25 °C,
TJ ≤ 150 °C
tp =1 µs
Figure 2. Thermal impedance
10
-4
10
-3
10
-2
10
-1
tp(s)
10
-2
10
-1
K
0.2
0.05
0.02
0.01
0.1
Single pulse
d=0.5
Zth=k *Rthj-c
d=tp/t
tp
t
AM09125v1
Figure 3. Output characteristics
GIPG100415FQ69WOCH
160
120
80
40
0
0
4
8
12
16
I D
(A)
V DS (V)
V GS = 9, 10 V
V GS = 8 V
V GS = 7 V
V GS = 6 V
V GS = 5 V
Figure 4. Transfer characteristics
GIPG100415FQ69WTCH
160
120
80
40
0
3
4
5
6
7
8
ID
(A)
VGS (V)
VDS = 15 V
Figure 5. Gate charge vs gate-source voltage
12
10
8
6
4
2
0
0
20
40
60
80
100 120
VGS (V)
Qg (nC)
VDS
(V)
600
500
400
300
200
100
0
VDS
VDD = 480 V
ID = 66 A
GIPG130415FQ69WQVG
Figure 6. Static drain-source on-resistance
GIPG100415FQ69WRID
45
41
37
33
29
25
0
10
20
30
40
50
60
R DS(on)
(mΩ)
I D (A)
V GS = 10 V
STWA72N60DM2AG
Electrical characteristics (curves)
DS12726 - Rev 1
page 5/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com