Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF11N60M2-EP Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF11N60M2-EP
Description  N-channel 600 V, 0.550 typ., 7.5 A MDmesh™ M2 EP Power MOSFET in a TO-220FP package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF11N60M2-EP Datasheet(HTML) 1 Page - STMicroelectronics

  STF11N60M2-EP Datasheet HTML 1Page - STMicroelectronics STF11N60M2-EP Datasheet HTML 2Page - STMicroelectronics STF11N60M2-EP Datasheet HTML 3Page - STMicroelectronics STF11N60M2-EP Datasheet HTML 4Page - STMicroelectronics STF11N60M2-EP Datasheet HTML 5Page - STMicroelectronics STF11N60M2-EP Datasheet HTML 6Page - STMicroelectronics STF11N60M2-EP Datasheet HTML 7Page - STMicroelectronics STF11N60M2-EP Datasheet HTML 8Page - STMicroelectronics STF11N60M2-EP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TO-220FP
1
2
3
AM15572v1_no_tab
D(2)
G(1)
S(3)
Features
Order code
VDS
RDS(on) max.
ID
STF11N60M2-EP
600 V
0.595 Ω
7.5 A
•
Extremely low gate charge
•
Excellent output capacitance (COSS) profile
•
Very low turn-off switching losses
•
100% avalanche tested
•
Zener-protected
Applications
•
Switching applications
Description
This device is an N-channel Power MOSFET developed using MDmesh™
M2 enhanced performance (EP) technology. Thanks to its strip layout and an
improved vertical structure, the device exhibits low on-resistance, optimized switching
characteristics with very low turn-off switching losses, rendering it suitable for the
most demanding very high frequency converters.
Product status
STF11N60M2-EP
Product summary
Order code
STF11N60M2-EP
Marking
11N60M2EP
Package
TO-220FP
Packing
Tube
N-channel 600 V, 0.550 Ω typ., 7.5 A MDmesh™ M2 EP
Power MOSFET in a TO-220FP package
STF11N60M2-EP
Datasheet
DS11598 - Rev 4 - April 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STF11N60M2-EP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF11N60DM2 STMICROELECTRONICS-STF11N60DM2 Datasheet
713Kb / 12P
N-channel 600 V, 0.370 (ohm) typ., 10 A MDmesh DM2 Power MOSFET in a TO-220FP package
17-Jun-2016
More results

Similar Description - STF11N60M2-EP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF9HN65M2 STMICROELECTRONICS-STF9HN65M2 Datasheet
444Kb / 13P
N-channel 600 V, 0.71 Ω typ., 5.5 A MDmesh™ M2 Power MOSFET in a TO-220FP package
April 2015 Rev 2
STF25N60M2-EP STMICROELECTRONICS-STF25N60M2-EP Datasheet
335Kb / 14P
N-channel 600 V, 0.175 Ω typ., 18 A MDmesh™ M2 EP Power MOSFET in a TO-220FP package
January 2015 Rev 2
STF27N60M2-EP STMICROELECTRONICS-STF27N60M2-EP Datasheet
665Kb / 13P
N-channel 600 V, 0.150 Ω typ., 20 A MDmesh™ M2 EP Power MOSFET in TO-220FP package
January 2016 Rev 1
STD11N60M2-EP STMICROELECTRONICS-STD11N60M2-EP Datasheet
807Kb / 16P
N-channel 600 V, 0.550 (ohm) typ., 7.5 A MDmesh M2 EP Power MOSFET in a DPAK package
12-Apr-2016
STP15N60M2-EP STMICROELECTRONICS-STP15N60M2-EP Datasheet
518Kb / 14P
N-channel 600 V, 0.340 Ω typ., 11 A MDmesh™ M2 EP Power MOSFET in a TO-220 package
December 2014 Rev 2
STP25N60M2-EP STMICROELECTRONICS-STP25N60M2-EP Datasheet
253Kb / 14P
N-channel 600 V, 0.175 Ω typ., 18 A MDmesh™ M2 EP Power MOSFET in a TO-220 package
January 2015 Rev 2
STP20N60M2-EP STMICROELECTRONICS-STP20N60M2-EP Datasheet
276Kb / 14P
N-channel 600 V, 0.230 typ., 13 A MDmesh™ M2 EP Power MOSFET in a TO-220 package
04-Jun-2018
STF20N60M2-EP STMICROELECTRONICS-STF20N60M2-EP Datasheet
288Kb / 14P
N-channel 600 V, 0.230 typ., 13 A, MDmesh™ M2 EP Power MOSFET in a TO-220FP package
04-Jun-2018
STFI11N60M2-EP STMICROELECTRONICS-STFI11N60M2-EP Datasheet
303Kb / 13P
N-channel 600 V, 0.550 Ω typ., 7.5 A MDmesh™ M2 EP Power MOSFET in an I²PAKFP package
14-May-2018
STW20N60M2-EP STMICROELECTRONICS-STW20N60M2-EP Datasheet
275Kb / 14P
N-channel 600 V, 0.230 Ω typ., 13 A MDmesh™ M2 EP Power MOSFET in a TO-247 package
04-Jun-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com