Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF20N60M2-EP Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF20N60M2-EP
Description  N-channel 600 V, 0.230 typ., 13 A, MDmesh™ M2 EP Power MOSFET in a TO-220FP package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF20N60M2-EP Datasheet(HTML) 1 Page - STMicroelectronics

  STF20N60M2-EP Datasheet HTML 1Page - STMicroelectronics STF20N60M2-EP Datasheet HTML 2Page - STMicroelectronics STF20N60M2-EP Datasheet HTML 3Page - STMicroelectronics STF20N60M2-EP Datasheet HTML 4Page - STMicroelectronics STF20N60M2-EP Datasheet HTML 5Page - STMicroelectronics STF20N60M2-EP Datasheet HTML 6Page - STMicroelectronics STF20N60M2-EP Datasheet HTML 7Page - STMicroelectronics STF20N60M2-EP Datasheet HTML 8Page - STMicroelectronics STF20N60M2-EP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TO-220FP
1
2
3
AM15572v1_no_tab
D(2)
G(1)
S(3)
Features
Order code
VDS
RDS(on) max
ID
STF20N60M2-EP
600 V
0.278 Ω
13 A
•
Extremely low gate charge
•
Excellent output capacitance (COSS) profile
•
Very low turn-off switching losses
•
100% avalanche tested
•
Zener-protected
Applications
•
Switching applications
•
Tailored for very high frequency converters (f > 150 kHz)
Description
This device is an N-channel Power MOSFET developed using MDmesh™
M2 enhanced performance (EP) technology. Thanks to its strip layout and an
improved vertical structure, the device exhibits low on-resistance, optimized switching
characteristics with very low turn-off switching losses, rendering it suitable for the
most demanding very high frequency converters.
Product status
STF20N60M2-EP
Product summary
Order code
STF20N60M2-EP
Marking
20N60M2EP
Package
TO-220FP
Packing
Tube
N-channel 600 V, 0.230 Ω typ., 13 A, MDmesh™ M2 EP
Power MOSFET in a TO-220FP package
STF20N60M2-EP
Datasheet
DS11486 - Rev 4 - June 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STF20N60M2-EP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF20N65M5 STMICROELECTRONICS-STF20N65M5 Datasheet
1Mb / 21P
N-channel 650 V, 0.160 Ω typ., 18 A MDmesh™ V Power MOSFET in D2PAK, I2PAK, TO-220 and TO-247 packages
February 2013 Rev 2
logo
Inchange Semiconductor ...
STF20N65M5 ISC-STF20N65M5 Datasheet
311Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STF20N65M5 STMICROELECTRONICS-STF20N65M5 Datasheet
1Mb / 18P
N-channel 650 V, 0.160 Ω typ., 18 A MDmesh M5 Power MOSFETs in TO-220FP, I²PAKFP and TO-3PF packages
22-Mar-2017
STF20N65M5 STMICROELECTRONICS-STF20N65M5_V01 Datasheet
1Mb / 18P
N-channel 650 V, 0.160 Ω typ., 18 A MDmesh M5 Power MOSFETs in TO-220FP, I²PAKFP and TO-3PF packages
22-Mar-2017
More results

Similar Description - STF20N60M2-EP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF9HN65M2 STMICROELECTRONICS-STF9HN65M2 Datasheet
444Kb / 13P
N-channel 600 V, 0.71 Ω typ., 5.5 A MDmesh™ M2 Power MOSFET in a TO-220FP package
April 2015 Rev 2
STF25N60M2-EP STMICROELECTRONICS-STF25N60M2-EP Datasheet
335Kb / 14P
N-channel 600 V, 0.175 Ω typ., 18 A MDmesh™ M2 EP Power MOSFET in a TO-220FP package
January 2015 Rev 2
STF27N60M2-EP STMICROELECTRONICS-STF27N60M2-EP Datasheet
665Kb / 13P
N-channel 600 V, 0.150 Ω typ., 20 A MDmesh™ M2 EP Power MOSFET in TO-220FP package
January 2016 Rev 1
STP20N60M2-EP STMICROELECTRONICS-STP20N60M2-EP Datasheet
276Kb / 14P
N-channel 600 V, 0.230 typ., 13 A MDmesh™ M2 EP Power MOSFET in a TO-220 package
04-Jun-2018
STF11N60M2-EP STMICROELECTRONICS-STF11N60M2-EP Datasheet
305Kb / 14P
N-channel 600 V, 0.550 typ., 7.5 A MDmesh™ M2 EP Power MOSFET in a TO-220FP package
23-Apr-2018
STFU18N60M2 STMICROELECTRONICS-STFU18N60M2 Datasheet
513Kb / 12P
N-channel 600 V, 0.255 typ., 13 A MDmesh M2 Power MOSFET in a TO-220FP ultra narrow leads package
20-Jun-2019
STB20N60M2-EP STMICROELECTRONICS-STB20N60M2-EP Datasheet
475Kb / 17P
N-channel 600 V, 0.230 Ω typ., 13 A MDmesh™ M2 EP Power MOSFET in a D²PAK package
04-Jun-2018
STF18N60M6 STMICROELECTRONICS-STF18N60M6 Datasheet
451Kb / 13P
N-channel 600 V, 230 mΩ typ., 13 A, MDmesh™ M6 Power MOSFET in a TO-220FP package
15-Nov-2018
STI20N60M2-EP STMICROELECTRONICS-STI20N60M2-EP Datasheet
262Kb / 14P
N-channel 600 V, 0.230 Ω typ., 13 A MDmesh™ M2 EP Power MOSFET in an I²PAK package
04-Jun-2018
STW20N60M2-EP STMICROELECTRONICS-STW20N60M2-EP Datasheet
275Kb / 14P
N-channel 600 V, 0.230 Ω typ., 13 A MDmesh™ M2 EP Power MOSFET in a TO-247 package
04-Jun-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com