Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF26N65DM2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF26N65DM2
Description  N-channel 650 V, 0.156 typ., 20 A, MDmesh™ DM2 Power MOSFET in a TO-220FP package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF26N65DM2 Datasheet(HTML) 1 Page - STMicroelectronics

  STF26N65DM2 Datasheet HTML 1Page - STMicroelectronics STF26N65DM2 Datasheet HTML 2Page - STMicroelectronics STF26N65DM2 Datasheet HTML 3Page - STMicroelectronics STF26N65DM2 Datasheet HTML 4Page - STMicroelectronics STF26N65DM2 Datasheet HTML 5Page - STMicroelectronics STF26N65DM2 Datasheet HTML 6Page - STMicroelectronics STF26N65DM2 Datasheet HTML 7Page - STMicroelectronics STF26N65DM2 Datasheet HTML 8Page - STMicroelectronics STF26N65DM2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TO-220FP
1
2
3
AM15572v1_no_tab
D(2)
G(1)
S(3)
Features
Order code
VDS
RDS(on) max.
ID
PTOT
STF26N65DM2
650 V
0.190 Ω
20 A
30 W
Fast-recovery body diode
Extremely low gate charge and input capacitance
Low on-resistance
100% avalanche tested
Extremely high dv/dt ruggedness
Zener-protected
Applications
Switching applications
Description
This high-voltage N-channel Power MOSFET is part of the MDmesh™ DM2 fast-
recovery diode series. It offers very low recovery charge (Qrr) and time (trr) combined
with low RDS(on), rendering it suitable for the most demanding high-efficiency
converters and ideal for bridge topologies and ZVS phase-shift converters.
Product status link
STF26N65DM2
Product summary
Order code
STF26N65DM2
Marking
26N65DM2
Package
TO-220FP
Packing
Tube
N-channel 650 V, 0.156 Ω typ., 20 A, MDmesh™ DM2
Power MOSFET in a TO-220FP package
STF26N65DM2
Datasheet
DS12426 - Rev 2 - July 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STF26N65DM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF26N60DM6 STMICROELECTRONICS-STF26N60DM6 Datasheet
280Kb / 12P
N-channel 600 V, 165 mΩ typ., 18 A, MDmesh DM6 Power MOSFET in a TO-220FP package
10-Sep-2020
STF26N60M2 STMICROELECTRONICS-STF26N60M2 Datasheet
434Kb / 15P
N-channel 600 V, 0.14 Ω typ., 20 A MDmesh™ M2 Power MOSFETs in TO-220FP and I²PAKFP packages
July 2015 Rev 2
logo
Inchange Semiconductor ...
STF26N60M2 ISC-STF26N60M2 Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STF26N65DM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF43N60DM2 STMICROELECTRONICS-STF43N60DM2 Datasheet
418Kb / 13P
N-channel 600 V, 0.085 Ω typ., 34 A MDmesh™ DM2 Power MOSFET in a TO-220FP package
01-Jul-2015
STF10N60DM2 STMICROELECTRONICS-STF10N60DM2 Datasheet
711Kb / 12P
N-channel 600 V, 0.440 (ohm) typ., 8 A MDmesh DM2 Power MOSFET in a TO-220FP package
17-Jun-2016
STF11N60DM2 STMICROELECTRONICS-STF11N60DM2 Datasheet
713Kb / 12P
N-channel 600 V, 0.370 (ohm) typ., 10 A MDmesh DM2 Power MOSFET in a TO-220FP package
17-Jun-2016
STF13N60DM2 STMICROELECTRONICS-STF13N60DM2 Datasheet
719Kb / 13P
N-channel 600 V, 0.310 (ohm) typ., 11 A MDmesh DM2 Power MOSFET in a TO-220FP package
07-Dec-2016
STW26N65DM2 STMICROELECTRONICS-STW26N65DM2 Datasheet
269Kb / 13P
N-channel 650 V, 0.156 typ., 20 A, MDmesh™ DM2 Power MOSFET in a TO-247 package
July 2018 Rev 1
STF18N60DM2 STMICROELECTRONICS-STF18N60DM2 Datasheet
456Kb / 12P
N-channel 600 V, 0.260 typ., 12 A MDmesh DM2 Power MOSFET in a TO-220FP package
10-Jun-2019
STF18N65DM2 STMICROELECTRONICS-STF18N65DM2 Datasheet
234Kb / 12P
N-channel 650 V, 231 m typ., 12 A, MDmesh DM2 Power MOSFET in a TO-220FP package
10-May-2021
STF35N65DM2 STMICROELECTRONICS-STF35N65DM2 Datasheet
702Kb / 13P
N-channel 650 V, 0.093 typ., 32 A MDmesh™ DM2 Power MOSFET in a TO-220FP package
December 2017 Rev 2
STF6N60DM2 STMICROELECTRONICS-STF6N60DM2 Datasheet
298Kb / 12P
N-channel 600 V, 0.95 typ., 5 A MDmesh™ DM2 Power MOSFET in a TO-220FP package
16-Mar-2020
STF33N60DM2 STMICROELECTRONICS-STF33N60DM2 Datasheet
709Kb / 13P
N-channel 600 V, 0.110 Ω typ., 24 A MDmesh™ DM2 Power MOSFET in TO-220FP package
05-Jul-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com