Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STFH40N60M2 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STFH40N60M2
Description  N-channel 600 V, 0.078 typ., 34 A MDmesh™ M2 Power MOSFET in a TO-220FP wide creepage package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFH40N60M2 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STFH40N60M2 Datasheet HTML 4Page - STMicroelectronics STFH40N60M2 Datasheet HTML 5Page - STMicroelectronics STFH40N60M2 Datasheet HTML 6Page - STMicroelectronics STFH40N60M2 Datasheet HTML 7Page - STMicroelectronics STFH40N60M2 Datasheet HTML 8Page - STMicroelectronics STFH40N60M2 Datasheet HTML 9Page - STMicroelectronics STFH40N60M2 Datasheet HTML 10Page - STMicroelectronics STFH40N60M2 Datasheet HTML 11Page - STMicroelectronics STFH40N60M2 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Package information
STFH40N60M2
10/12
DocID029433 Rev 1
Table 9: TO-220FP wide creepage package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.60
4.70
4.80
B
2.50
2.60
2.70
D
2.49
2.59
2.69
E
0.46
0.59
F
0.76
0.89
F1
0.96
1.25
F2
1.11
1.40
G
8.40
8.50
8.60
G1
4.15
4.25
4.35
H
10.90
11.00
11.10
L2
15.25
15.40
15.55
L3
28.70
29.00
29.30
L4
10.00
10.20
10.40
L5
2.55
2.70
2.85
L6
16.00
16.10
16.20
L7
9.05
9.15
9.25
Dia
3.00
3.10
3.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com