Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STFU10NK60Z Datasheet(PDF) 12 Page - STMicroelectronics

Part # STFU10NK60Z
Description  N-channel 600 V, 0.68 Ω typ., 10 A, SuperMESH™ Power MOSFET in a TO-220FP ultra narrow leads package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFU10NK60Z Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STFU10NK60Z Datasheet HTML 5Page - STMicroelectronics STFU10NK60Z Datasheet HTML 6Page - STMicroelectronics STFU10NK60Z Datasheet HTML 7Page - STMicroelectronics STFU10NK60Z Datasheet HTML 8Page - STMicroelectronics STFU10NK60Z Datasheet HTML 9Page - STMicroelectronics STFU10NK60Z Datasheet HTML 10Page - STMicroelectronics STFU10NK60Z Datasheet HTML 11Page - STMicroelectronics STFU10NK60Z Datasheet HTML 12Page - STMicroelectronics STFU10NK60Z Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Revision history
STFU10NK60Z
12/13
DocID028779 Rev 3
5
Revision history
Table 11: Document revision history
Date
Revision
Changes
07-Jan-2016
1
Initial release.
12-Sep-2016
2
Document status changed from preliminary to production data.
Minor text changes.
05-Dec-2016
3
Updated Features on cover page.
Updated Table 2: "Absolute maximum ratings" and added Table 4:
"Avalanche characteristics".
Updated Table 5: "On /off states", Table 6: "Dynamic", Table 8: "Source
drain diode" and Table 9: "Gate-source Zener diode".
Minor text changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com