Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STFU11N65M2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STFU11N65M2
Description  N-channel 650 V, 0.60 typ., 7 A MDmesh M2 Power MOSFET in a TO-220FP ultra narrow leads package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFU11N65M2 Datasheet(HTML) 5 Page - STMicroelectronics

  STFU11N65M2 Datasheet HTML 1Page - STMicroelectronics STFU11N65M2 Datasheet HTML 2Page - STMicroelectronics STFU11N65M2 Datasheet HTML 3Page - STMicroelectronics STFU11N65M2 Datasheet HTML 4Page - STMicroelectronics STFU11N65M2 Datasheet HTML 5Page - STMicroelectronics STFU11N65M2 Datasheet HTML 6Page - STMicroelectronics STFU11N65M2 Datasheet HTML 7Page - STMicroelectronics STFU11N65M2 Datasheet HTML 8Page - STMicroelectronics STFU11N65M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Safe operating area
GIPG080915MQF1045YFSOA
101
100
10-1
10-2
10-1
100
101
102
ID
(A)
VDS (V)
Operation in this area is
limited by RDS(on)
10 μs
Tj ≤ 150 °C
Tc = 25 °C
single pulse
100 μs
1 ms
10 ms
Figure 2. Thermal impedance
GC20940
10-1
10-2
10-3
10-4
10-3
10-2
10-1
100
K
tp (s)
Figure 3. Output characteristics
GIPG110515MQF1LOCH
12
10
8
6
4
2
0
0
4
8
12
16
ID
(A)
VDS (V)
VGS = 8,9,10 V
VGS = 7 V
VGS = 6 V
VGS = 5 V
Figure 4. Transfer characteristics
GIPG110515MQF1LTCH
12
10
8
6
4
2
0
0
2
4
6
8
ID
(A)
VGS (V)
VDS = 19 V
Figure 5. Gate charge vs gate-source voltage
GIPG110515MQF1LQVG
12
10
8
6
4
2
0
0
2
4
6
8
10
12
VGS
(V)
Qg (nC)
VDS
VDD = 520 V
ID = 7 A
600
500
400
300
200
100
0
VDS
(V)
Figure 6. Static drain-source on-resistance
GIPG140815MQF1PRID
0.624
0.608
0.592
0.576
0
2
4
6
RDS(on)
(Ω)
ID (A)
VGS = 10 V
STFU11N65M2
Electrical characteristics (curves)
DS12086 - Rev 2
page 5/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com