Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STO24N60M6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STO24N60M6
Description  N-channel 600 V, 162 m typ., 17 A, MDmesh M6 Power MOSFET in a TO‑LL package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STO24N60M6 Datasheet(HTML) 1 Page - STMicroelectronics

  STO24N60M6 Datasheet HTML 1Page - STMicroelectronics STO24N60M6 Datasheet HTML 2Page - STMicroelectronics STO24N60M6 Datasheet HTML 3Page - STMicroelectronics STO24N60M6 Datasheet HTML 4Page - STMicroelectronics STO24N60M6 Datasheet HTML 5Page - STMicroelectronics STO24N60M6 Datasheet HTML 6Page - STMicroelectronics STO24N60M6 Datasheet HTML 7Page - STMicroelectronics STO24N60M6 Datasheet HTML 8Page - STMicroelectronics STO24N60M6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TO-LL type A
Drain (TAB)
Gate(1)
Driver
source (2)
Power
source (3, 4, 5, 6, 7,8)
N-chG1DS2PS345678DTABZ
Features
Order code
VDS
RDS(on) max.
ID
STO24N60M6
600 V
190 mΩ
17 A
•
Reduced switching losses
•
Lower RDS(on) per area vs previous generation
•
Low gate input resistance
•
100% avalanche tested
•
Zener-protected
Applications
•
Switching applications
•
LLC converters
•
Boost PFC converters
Description
The new MDmesh M6 technology incorporates the most recent advancements to the
well-known and consolidated MDmesh family of SJ MOSFETs. STMicroelectronics
builds on the previous generation of MDmesh devices through its new M6
technology, which combines excellent RDS(on) per area improvement with one of the
most effective switching behaviors available, as well as a user-friendly experience for
maximum end-application efficiency.
Product status link
STO24N60M6
Product summary
Order code
STO24N60M6
Marking
24N60M6
Package
TO-LL type A
Packing
Tape and reel
N-channel 600 V, 162 mΩ typ., 17 A, MDmesh M6 Power MOSFET
in a TO
‑LL package
STO24N60M6
Datasheet
DS13749 - Rev 1 - May 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STO24N60M6

ManufacturerPart #DatasheetDescription
logo
Lumberg
STO2 LUMBERG-STO2 Datasheet
506Kb / 3P
RCA connectors
STO2ROT LUMBERG-STO2ROT Datasheet
506Kb / 3P
RCA connectors
STO2SCHWARZ LUMBERG-STO2SCHWARZ Datasheet
506Kb / 3P
RCA connectors
More results

Similar Description - STO24N60M6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB24N60M6 STMICROELECTRONICS-STB24N60M6 Datasheet
445Kb / 16P
N-channel 600 V, 162 mΩ typ., 17 A, MDmesh™M6 Power MOSFET in a D²PAK
06-Aug-2018
STI24N60M6 STMICROELECTRONICS-STI24N60M6 Datasheet
252Kb / 13P
N-channel 600 V, 162 m typ., 17 A, MDmesh™ M6 Power MOSFET in an I²PAK package
01-Aug-2018
STO67N60M6 STMICROELECTRONICS-STO67N60M6 Datasheet
1Mb / 15P
N-channel 600 V, 48 m typ., 34 A MDmesh M6 Power MOSFET in a TO‑LL package
29-Apr-2021
STP24N60M6 STMICROELECTRONICS-STP24N60M6 Datasheet
268Kb / 13P
N-channel 600 V, 162 m typ., 17 A, MDmesh™ M6 Power MOSFET in a TO-220 package
01-Aug-2018
STP46N60M6 STMICROELECTRONICS-STP46N60M6 Datasheet
461Kb / 13P
N-channel 600 V, 68 m typ., 36 A, MDmesh M6 Power MOSFET in a TO‑220 package
22-Nov-2019
STW24N60M6 STMICROELECTRONICS-STW24N60M6 Datasheet
265Kb / 13P
N-channel 600 V, 162 m typ., 17 A, MDmesh™ M6 Power MOSFET in a TO-247 package
August 2018 Rev 1
STD13N60M6 STMICROELECTRONICS-STD13N60M6 Datasheet
526Kb / 16P
N-channel 600 V, 320 m typ., 10 A, MDmesh M6 Power MOSFET in a DPAK package
17-Oct-2019
STD18N60M6 STMICROELECTRONICS-STD18N60M6 Datasheet
534Kb / 16P
N-channel 600 V, 230 m typ., 13 A, MDmesh M6 Power MOSFET in a DPAK package
19-Apr-2019
STF24N60M6 STMICROELECTRONICS-STF24N60M6 Datasheet
265Kb / 13P
N-channel 600 V, 162 m typ., 17 A, MDmesh™ M6 Power MOSFET in a TO-220FP package
August 2018 Rev 1
STO67N60DM6 STMICROELECTRONICS-STO67N60DM6 Datasheet
1Mb / 15P
N-channel 600 V, 48 m typ., 58 A MDmesh DM6 Power MOSFET in a TO‑LL package
08-Jun-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com