Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP5140WACCZ-R7 Datasheet(PDF) 51 Page - Analog Devices

Part # ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Datasheet(HTML) 51 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 47Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 48Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 49Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 50Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 51Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 52Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 53Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 54Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 128 page
background image
Data Sheet
ADP5140
Rev. 0 | Page 51 of 128
Initial Mode
The conditions to enter initial mode include the following:
•
Enter initial mode from the POR when VEN is higher than
VEN_RGH (EN_RGH = 1).
•
Enter initial mode from any mode except for shutdown
mode when VAVIN < VAVIN_UVLO_F (AVIN_UVLO = 1), VAVDD
< VAVDD_UVLO_F (AVDD_UVLO = 1), or VEN < VEN_F
(EN_ACC = 0).
The conditions to exit initial mode include the following:
•
Exit initial mode and enter self check mode when initial
mode is completed. Both the VAVIN and VAVDD are higher
than the corresponding UVLO thresholds and VEN > VEN_R.
•
Exit initial mode and enter shutdown mode when the TSD,
the POR, or VEN < VEN_RGH occurs.
In initial mode, the ADP5140 loads the trimmed data and reads
the pin configuration. All power rails turn off and the ADP5140
monitors the input voltage and the die temperature. The
RESET, FAULT, and STATUS pins remain low.
Self Check Mode
The conditions to enter self check mode when VAVIN > VAVIN_UVLO_R
(AVIN_UVLO = 0), VAVDD > VAVDD_UVLO_R(AVDD_UVLO = 0),
and VEN > VEN_R (EN_ACC = 1) include the following:
•
From initial mode when initial mode completes.
•
From standby mode when getting a wake-up signal from
the WAKE pin.
•
From system error mode if the system error counter,
(SYS_EC) < system error counter threshold (NEC_S) and
no overtemperature and overvoltage events happen on any
power rail.
•
From any mode when getting a self check mode from any
mode (SPI_CMD_RST) command.
Conditions of exiting self check mode include the following:
•
Entering system ramp-up mode when self check mode
completes (SELF_CHECK_OK = 1).
•
Entering system error mode when self check mode times
out (tEXP1).
•
Entering initial mode when VAVIN < VAVIN_UVLO_F or VAVDD <
VAVDD_UVLO_F or VEN < VEN_F.
•
Entering shutdown mode when the TSD or the POR or
VEN < VEN_RGH occurs.
During self check mode, the ADP5140 runs the self test and
checks all of the analog and digital circuits for monitoring. All
of the power rails are turned off, and the ADP5140 monitors
the input voltage and the die temperature. SPI registers are
reset in self check mode, except for the SYS_EC. The RESET,
FAULT, and STATUS pins keep low.
System Ramp-Up Mode
The ADP5140 enters system ramp-up mode from self check
mode when the self check completes while VAVIN > VAVIN_UVLO_R,
VAVDD > VAVDD_UVLO_R, and VEN > VEN_R.
The conditions to exit system ramp-up mode include the
following:
•
Entering peripheral ramp-up mode when the system ramp-up
completes (SYS_RAMP_OK = 1) when the SEQ pin is high
and VVIO > VIO_UV (IO_UV = 0).
•
Entering system error mode when the system ramp-up
times out (tEXP2), when an overtemperature event occurs on
Regulator 1, Regulator 2, Regulator 5, Regulator 10,
Regulator 11, or Regulator 12, or an overvoltage event
occurs on Regulator 1, Regulator 2, Regulator 5, Regulator 10,
Regulator 11, or Regulator 12 and the fault event is not
masked in the OV_RST_MASK register.
•
Entering initial mode when VAVIN < VAVIN_UVLO_F, VAVDD <
VAVDD_UVLO_F, or VEN < VEN_F.
•
Entering shutdown mode when the TSD, the POR, or VEN
< VEN_RGH occurs.
During system ramp-up mode, Regulator 1, Regulator 2,
Regulator 5, Regulator 10, Regulator 11, and Regulator 12
power up in a fixed sequence. The RESET, FAULT, and
STATUS pins keep low.
Peripheral Ramp Up Mode
The conditions to enter peripheral ramp-up mode when VAVIN >
VAVIN_UVLO_R, VAVDD > VAVDD_UVLO_R and VEN > VEN_R include the
following:
•
Entering peripheral ramp-up mode from system ramp-up
mode when the system ramp-up completes, the SEQ pin is
high, and VVIO > VIO_UV.
•
Entering peripheral ramp-up mode from peripheral error
mode when receiving a peripheral ramp-up mode
(SPI_CMD3) command.
The conditions to exit peripheral ramp-up mode include the
following:
•
Entering normal mode when peripheral ramp-up mode
completes (PER_RAMP_OK = 1).
•
Entering system error mode when an overvoltage or
undervoltage event occurs on Regulator 1, Regulator 2,
Regulator 5, Regulator 10, Regulator 11, or Regulator 12,
and the fault event is not masked in the OV_RST_MASK
register or the UV_RST_MASK register, when SEQ is low,
when an undervoltage event occurs on the VIO pin and
the fault event is not masked in the UV_RST_MASK
register, or when a fault occurs on one of the watchdogs
(WD0, WD1, or QA_WD) and the fault is not masked in
the TRANSITION_MASK register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com