Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP5140WACCZ-R7 Datasheet(PDF) 53 Page - Analog Devices

Part # ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Datasheet(HTML) 53 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 49Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 50Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 51Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 52Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 53Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 54Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 55Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 56Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 128 page
background image
Data Sheet
ADP5140
Rev. 0 | Page 53 of 128
•
Entering system error mode from peripheral error mode
when an overvoltage or undervoltage event occurs on
Regulator 1, Regulator 2, Regulator 5, Regulator 10,
Regulator 11, or Regulator 12, and the fault event is not
masked in the OV_RST_MASK register or the UV_RST_
MASK register, when SEQ is low, when an undervoltage
event occurs on the VIO pin, and the fault event is not
masked in the UV_RST_MASK register, or when a fault even
occurs on one of the watchdogs (WD0, WD1, or QA_WD),
and the fault is not masked in the TRANSITION_MASK
register.
•
Entering system error mode from standby mode when an
overvoltage or undervoltage event occurs on any regulator
that is enabled in the standby mode.
The conditions to exit system error mode include the following:
•
Entering power-down mode if SYS_EC ≥ NEC_S.
•
Entering self check mode if SYS_EC < NEC_S and no
overtemperature or overvoltage events occur on any
power rails.
•
Entering initial mode when VAVIN < VAVIN_UVLO_F, VAVDD <
VAVDD_UVLO_F, or VEN < VEN_F.
•
Entering shutdown mode when the TSD, the POR, or
VEN < VEN_RGH occurs.
During system error mode, all power rails are turned off. The
ADP5140 monitors the input voltage, the output voltage, and the
die temperature. The system error counter increments. The
RESET, FAULT, and STATUS pins keep low.
System error mode has higher priority than peripheral error
mode. If the exiting condition of any mode meets both the system
error mode and the peripheral mode exiting conditions, the
device enters system error mode instead of peripheral mode.
Peripheral Error Mode
The conditions to enter peripheral error mode when VAVIN >
VAVIN_UVLO_R, VAVDD > VAVDD_UVLO_R, and VEN > VEN_R include the
following:
•
Entering peripheral error mode from peripheral ramp-up
mode when the peripheral ramp-up times out (tEXP3) or
when an overvoltage or undervoltage event occurs on
Regulator 3, Regulator 4, Regulator 6, Regulator 7,
Regulator 8, or Regulator 9.
•
Entering peripheral error mode from normal mode when an
overvoltage or undervoltage event occurs on Regulator 3,
Regulator 4, Regulator 6, Regulator 7, Regulator 8, or
Regulator 9, and the fault event is not masked in the
OV_FAULT_MASK register or the UV_FAULT_MASK
register, or when a fault occurs on one of the watchdogs
(WD0, WD1, or QA_WD), and the fault is not masked in
the TRANSITION_MASK register.
The conditions to exit peripheral error mode include the
following:
•
Entering power-down mode when receiving an
SPI_CMD1 command or when PER_EC ≥ NEC_P.
•
Entering peripheral ramp-up mode when receiving an
SPI_CMD3 command.
•
Entering system error mode when an overvoltage or
undervoltage event occurs on Regulator 1, Regulator 2,
Regulator 5, Regulator 10, Regulator 11, or Regulator 12,
and the fault event is not masked in the OV_RST_MASK
register or the UV_RST_MASK register, or SEQ is low,
when an undervoltage event occurs on the VIO pin, and
the fault event is not masked in the UV_RST_MASK register,
or when a fault event occurs on one of the watchdogs
(WD0, WD1, or QA_WD), and the fault is not masked in
the TRANSITION_MASK register.
•
Entering initial mode when VAVIN < VAVIN_UVLO_F,VAVDD <
VAVDD_UVLO_F, or VEN < VEN_F.
•
Entering shutdown mode when the TSD, the POR, or
VEN < VEN_RGH happens.
During peripheral error mode, the peripheral counter increments.
WD0 and the sequenced QA watchdog still work in this mode,
if enabled. The RESET pin is pulled high, and the FAULT and
STATUS pins are pulled low.
Power rail management in the peripheral error mode works
under the following conditions:
•
If a fault on Regulator 3 occurs, Regulator 3, Regulator 4,
Regulator 6, Regulator 7, Regulator 8, and Regulator 9 turn
off, and other regulators still work.
•
If no fault on Regulator 3 occurs, Regulator 4, Regulator 6,
Regulator 7, Regulator 8, and Regulator 9 turn off, and
other regulators still work.
Standby Mode
The ADP5140 enters standby mode from normal mode. The
device receives an SPI_CMD2 command if the WAKE pin is
not pulled low while VAVIN > VAVIN_UVLO_R, VAVDD > VAVDD_UVLO_R,
and VEN > VEN_R.
The conditions to exit standby mode include the following:
•
Entering self check mode when the WAKE pin is driven
low externally during standby mode.
•
Entering system error mode when an overvoltage or
undervoltage event occurs on any regulator that is enabled
in standby mode.
•
Entering initial mode when VAVIN < VAVIN_UVLO_F, VAVDD <
VAVDD_UVLO_F, or VEN < VEN_F.
•
Entering shutdown mode when the TSD, the POR, or
VEN < VEN_RGH occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com