Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3405D Datasheet(PDF) 3 Page - Pico Technology Ltd.

Part # 3405D
Description  PicoScope® 3000 Series PC oscilloscopes and MSOs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

3405D Datasheet(HTML) 3 Page - Pico Technology Ltd.

  3405D Datasheet HTML 1Page - Pico Technology Ltd. 3405D Datasheet HTML 2Page - Pico Technology Ltd. 3405D Datasheet HTML 3Page - Pico Technology Ltd. 3405D Datasheet HTML 4Page - Pico Technology Ltd. 3405D Datasheet HTML 5Page - Pico Technology Ltd. 3405D Datasheet HTML 6Page - Pico Technology Ltd. 3405D Datasheet HTML 7Page - Pico Technology Ltd. 3405D Datasheet HTML 8Page - Pico Technology Ltd. 3405D Datasheet HTML 9Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
PicoScope 3000 Series
Deep memory
PicoScope 3000 Series oscilloscopes offer a huge buffer memory, allowing them to sustain high sampling rates across long timebases. For
example, using the 512 MS buffer, the PicoScope 3206D and 3406D models can sample at 1 GS/s all the way down to 50 ms/div giving a
500 ms total capture time.
Powerful tools are included to allow you to manage and examine all
of this data. As well as functions such as mask limit testing and color
persistence mode, the PicoScope 6 software enables you to zoom into
your waveform by several million times. The Zoom Overview window
allows you to easily control the size and location of the zoom area.
Up to 10 000 waveforms can be stored in the segmented waveform
buffer. The Buffer Overview window then allows you to rewind and
review the history of your waveform. No longer will you struggle to
catch an infrequent glitch.
When the trace length is set to be shorter than the scope’s memory,
the PicoScope will automatically configure the memory as a circular
buffer, recording recent waveforms for review. For example, if 1
million samples are captured, up to 500 waveforms will be stored in
oscilloscope memory. Tools such as mask limit testing can then be
used to scan through each waveform to identify anomalies.
x2 000
000
x130000
x256
x1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com