Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3405D Datasheet(PDF) 5 Page - Pico Technology Ltd.

Part # 3405D
Description  PicoScope® 3000 Series PC oscilloscopes and MSOs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

3405D Datasheet(HTML) 5 Page - Pico Technology Ltd.

  3405D Datasheet HTML 1Page - Pico Technology Ltd. 3405D Datasheet HTML 2Page - Pico Technology Ltd. 3405D Datasheet HTML 3Page - Pico Technology Ltd. 3405D Datasheet HTML 4Page - Pico Technology Ltd. 3405D Datasheet HTML 5Page - Pico Technology Ltd. 3405D Datasheet HTML 6Page - Pico Technology Ltd. 3405D Datasheet HTML 7Page - Pico Technology Ltd. 3405D Datasheet HTML 8Page - Pico Technology Ltd. 3405D Datasheet HTML 9Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
PicoScope 3000 Series
PicoScope 3000 Series overview
All PicoScope 3000 Series oscilloscopes offer SuperSpeed USB 3.0 connectivity, a sampling rate of 1 GS/s, and a built-in arbitrary waveform
generator (AWG). See the table below for further key specifications for each model.
Analog
channels
Digital
channels
Bandwidth
Buffer memory
3203D
2
-
50 MHz
64 MS
3203D MSO
16
3204D
2
-
70 MHz
128 MS
3204D MSO
16
3205D
2
-
100 MHz
256 MS
3205D MSO
16
3206D
2
-
200 MHz
512 MS
3206D MSO
16
3403D
4
-
50 MHz
64 MS
3403D MSO
16
3404D
4
-
70 MHz
128 MS
3404D MSO
16
3405D
4
-
100 MHz
256 MS
3405D MSO
16
3406D
4
-
200 MHz
512 MS
3406D MSO
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com