Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3204D Datasheet(PDF) 16 Page - Pico Technology Ltd.

Part # 3204D
Description  PicoScope® 3000 Series PC oscilloscopes and MSOs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

3204D Datasheet(HTML) 16 Page - Pico Technology Ltd.

Back Button 3204D Datasheet HTML 12Page - Pico Technology Ltd. 3204D Datasheet HTML 13Page - Pico Technology Ltd. 3204D Datasheet HTML 14Page - Pico Technology Ltd. 3204D Datasheet HTML 15Page - Pico Technology Ltd. 3204D Datasheet HTML 16Page - Pico Technology Ltd. 3204D Datasheet HTML 17Page - Pico Technology Ltd. 3204D Datasheet HTML 18Page - Pico Technology Ltd. 3204D Datasheet HTML 19Page - Pico Technology Ltd. 3204D Datasheet HTML 20Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
PicoScope 3000 Series
PicoScope 6 software
The PicoScope software display can be as simple or as detailed as you
need. Begin with a single view of one channel, and then expand the
display to include up to four live channels, plus math channels and
reference waveforms.
Tools > Serial decoding: Decode multiple serial data
signals and display the data alongside the physical signal or
as a detailed table.
Tools > Reference channels: Store waveforms in
memory or on disk and display them alongside live inputs.
Ideal for diagnostics and production testing.
Tools > Masks: Automatically generate a test mask from
a waveform or draw one by hand. PicoScope highlights
any parts of the waveform that fall outside the mask and
shows error statistics.
Movable axes: The vertical axes
can be dragged up and down.
This feature is particularly useful
when one waveform is obscuring
another. There’s also an Auto
Arrange Axes command.
Zoom overview:
Click and drag for
quick navigation in
zoomed views.
Spectrum view:
View FFT data
alongside scope
view or in dedicated
spectrum mode.
Automatic measurements: Display
calculated measurements for trouble-
shooting and analysis. You can add as many
measurements as you need on each view.
Each measurement includes statistical
parameters showing its variability.
Trigger toolbar:
Quick access to
main controls, with
advanced triggers in
a pop-up window.
Ruler legend: Absolute and
differential ruler measurements
are listed here.
Channel options: Set axis offset and scaling,
DC offset, zero offset, resolution enhancement,
custom probes, and filtering here.
Rulers: Each axis has two rulers that can
be dragged across the screen to make
quick measurements of amplitude, time and
frequency.
Function generator: Generates standard signals or arbitrary
waveforms. Includes frequency sweep mode.
Auto setup button:
Configures the timebase
and voltage ranges for
stable display of signals.
Oscilloscope controls: Controls such as voltage range, channel
enable, timebase and memory depth are placed on the toolbar for
quick access, leaving the main display area clear for waveforms.
Zoom and pan tools: PicoScope makes it easy to zoom into
large waveforms. Either use the zoom-in, zoom-out and pan
tools, or click and drag in the Zoom Overview window for
fast navigation.
Trigger marker: Drag the marker to adjust trigger level and
pre-trigger time.
Waveform replay tools: PicoScope automatically records
up to 10 000 of the most recent waveforms. You can quickly
scan through to look for intermittent events, or use the
Buffer Navigator to search visually.
Views: PicoScope is carefully designed to make
the best use of the display area. The waveform
view is much bigger and higher resolution than a
typical benchtop scope. You can add new scope and
spectrum views with automatic or custom layouts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com