Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3204D Datasheet(PDF) 20 Page - Pico Technology Ltd.

Part # 3204D
Description  PicoScope® 3000 Series PC oscilloscopes and MSOs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

3204D Datasheet(HTML) 20 Page - Pico Technology Ltd.

Back Button 3204D Datasheet HTML 16Page - Pico Technology Ltd. 3204D Datasheet HTML 17Page - Pico Technology Ltd. 3204D Datasheet HTML 18Page - Pico Technology Ltd. 3204D Datasheet HTML 19Page - Pico Technology Ltd. 3204D Datasheet HTML 20Page - Pico Technology Ltd. 3204D Datasheet HTML 21Page - Pico Technology Ltd. 3204D Datasheet HTML 22Page - Pico Technology Ltd. 3204D Datasheet HTML 23Page - Pico Technology Ltd. 3204D Datasheet HTML 24Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
PicoScope
3203D and
3203D MSO
PicoScope
3403D and
3403D MSO
PicoScope
3204D and
3204D MSO
PicoScope
3404D and
3404D MSO
PicoScope
3205D and
3205D MSO
PicoScope
3405D and
3405D MSO
PicoScope
3206D and
3206D MSO
PicoScope
3406D and
3406D MSO
Triggering
Source
Analog channels (all models)
EXT trigger (not MSO models)
Digital channels (MSO models only)
Trigger modes
None, auto, repeat, single, rapid (segmented memory)
Maximum pre-trigger
capture
Up to 100% of capture size
Maximum post-trigger delay
Up to 4 billion samples, selectable in 1 sample steps
Trigger rearm time
< 0.7 µs at 1 GS/s sampling rate
Maximum trigger rate
Up to 10 000 waveforms in a 6 ms burst at 1 GS/s sampling rate, typical
Triggering for analog channels
Advanced trigger types
Edge, window, pulse width, window pulse width, dropout, window dropout, interval, logic, runt pulse
Trigger types (ETS mode)
Rising edge, falling edge (available on channel A only)
Trigger sensitivity
Digital triggering provides 1 LSB accuracy up to full bandwidth of scope
Trigger sensitivity
(ETS mode)
10 mV p-p at full bandwidth, typical
External trigger input - not MSO models
Ext trigger connector type
Front panel BNC
Trigger types
Edge, pulse width, dropout, interval, logic
Input characteristics
1 MΩ
∥14pF
Bandwidth
50 MHz
70 MHz
100 MHz
200 MHz
Threshold range
±5 V
Coupling
DC
Overvoltage protection
±100 V (DC + AC peak)
Triggering for digital channels - MSO models only
Trigger types
Pattern, edge, combined pattern and edge, pulse width, dropout, interval, logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com