Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2902PT Datasheet(PDF) 6 Page - STMicroelectronics

Part # LM2902PT
Description  Low-power quad operational amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2902PT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LM2902PT Datasheet HTML 2Page - STMicroelectronics LM2902PT Datasheet HTML 3Page - STMicroelectronics LM2902PT Datasheet HTML 4Page - STMicroelectronics LM2902PT Datasheet HTML 5Page - STMicroelectronics LM2902PT Datasheet HTML 6Page - STMicroelectronics LM2902PT Datasheet HTML 7Page - STMicroelectronics LM2902PT Datasheet HTML 8Page - STMicroelectronics LM2902PT Datasheet HTML 9Page - STMicroelectronics LM2902PT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Symbol
Parameter
Test conditions
Min. Typ. Max.
Unit
VO1/VO2 Channel separation (3)
1 kHz ≤ f ≤ 20 kHz
120
dB
1. VO = 1.4 V, RS = 0 Ω, 5 V < VCC + < 30 V, 0 V < Vic < (VCC +) - 1.5 V.
2. The direction of the input current is out of the IC. This current is essentially constant, independent of the state of the output, so there is no
change in the load on the input lines.
3. Due to the proximity of external components, ensure that stray capacitance does not cause coupling between these external parts. Typically,
this can be detected as this type of capacitance increases at higher frequencies.
LM2902
Electrical characteristics
DS0506 - Rev 9
page 6/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com