Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2902PT Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM2902PT
Description  Low-power quad operational amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2902PT Datasheet(HTML) 1 Page - STMicroelectronics

  LM2902PT Datasheet HTML 1Page - STMicroelectronics LM2902PT Datasheet HTML 2Page - STMicroelectronics LM2902PT Datasheet HTML 3Page - STMicroelectronics LM2902PT Datasheet HTML 4Page - STMicroelectronics LM2902PT Datasheet HTML 5Page - STMicroelectronics LM2902PT Datasheet HTML 6Page - STMicroelectronics LM2902PT Datasheet HTML 7Page - STMicroelectronics LM2902PT Datasheet HTML 8Page - STMicroelectronics LM2902PT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Features
•
Wide gain bandwidth: 1.3 MHz
•
Input common-mode voltage range includes negative rail
•
Large voltage gain: 100 dB
•
Supply current per amplifier: 375 µA
•
Low input bias current: 20 nA
•
Low input offset current: 2 nA
•
Wide power supply range:
–
Single supply: 3 V to 30 V
–
Dual supplies: ± 1.5 V to ± 15 V
Description
This circuit consists of four independent, high-gain operational amplifiers (op amps)
which employ internal frequency compensation and are specifically designed for
automotive and industrial control systems.
The device operates from a single power supply over a wide range of voltages.
Operation from split power supplies is also possible and the low-power supply current
drain is independent from the power supply voltage magnitude.
QFN16 3x3
TSSOP14
SO14
QFN16 3x3 wettable flanks
Low-power quad operational amplifiers
LM2902
Datasheet
DS0506 - Rev 9 - August 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - LM2902PT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2902PT STMICROELECTRONICS-LM2902PT Datasheet
264Kb / 15P
Low Power Dual Voltage Comparators
February 2006 Rev. 6
logo
Rohm
LM2902PT ROHM-LM2902PT Datasheet
974Kb / 18P
SIGNATURE SERIES Operational Amplifiers
2011.06 - Rev.B
More results

Similar Description - LM2902PT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Jun-1999
LM124A STMICROELECTRONICS-LM124A Datasheet
1,021Kb / 13P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Mar-2001
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Aug-1998
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324 Datasheet
52Kb / 2P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM124 STMICROELECTRONICS-LM124_05 Datasheet
915Kb / 16P
Low Power Quad Operational Amplifiers
Rev 3 June 2005
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324_07 Datasheet
285Kb / 13P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM2902EP NSC-LM2902EP Datasheet
844Kb / 18P
Low Power Quad Operational Amplifiers
logo
Taiwan Semiconductor Co...
TS324 TSC-TS324_07 Datasheet
531Kb / 8P
Low Power Quad Operational Amplifiers
logo
Texas Instruments
LM124JAN TI1-LM124JAN_13 Datasheet
781Kb / 26P
Low Power Quad Operational Amplifiers
logo
New Japan Radio
NJM324C NJRC-NJM324C Datasheet
459Kb / 10P
Low power quad operational amplifiers
ver.09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com